Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS. Datasheet(PDF) 3 Page - SHIKUES Electronics

Part # B0520WS.
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

B0520WS. Datasheet(HTML) 3 Page - SHIKUES Electronics

  B0520WS. Datasheet HTML 1Page - SHIKUES Electronics B0520WS. Datasheet HTML 2Page - SHIKUES Electronics B0520WS. Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
B0520WS
SD
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-323
UNIT
mm
1.1
0.15
1.4
1.8
2.75
0.8
0.08
1.2
1.4
2.55
9°
max
min
mil
max
min
43
32
5.9
3.1
55
47
70
63
108
100
A
C
D
E
E1
∠
0.4
0.25
16
9.8
b
A1
0.45
0.2
7.9
16
0.2
8
SOD-323 mechanical data
SOD-323 mechanical data
L1
E
E
A
∠ALL ROUND
E1
L1
The recommended mounting pad size
1.4
(55)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
B0530WS
SE
B0540WS
SF
REV.08
3 of 3
B0520WS. THRU B0540WS.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com