Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS. Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # B0520WS.
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

B0520WS. Datasheet(HTML) 1 Page - SHIKUES Electronics

  B0520WS. Datasheet HTML 1Page - SHIKUES Electronics B0520WS. Datasheet HTML 2Page - SHIKUES Electronics B0520WS. Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load (JEDEC method)
Parameter
Peak Repetitive Reverse Voltage
Maximum Average Forward Current at Ta=25
℃
Maximum Instantaneous Forward Voltage
VRRM
IO
VF
IFSM
RθJA
IR
30
V
0.5
A
A
0.33
75
-55 ~ +125
V
uA
V
°C/W
Tj
Symbols
Units
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Guard Ring Construction for Transient Protection
• High Conductance
• Also Available in Lead Free Version
•
•
Low Forward Voltage Drop
Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.
25
°C
22
Reverse current
Thermal Resistance, Junction to Ambient Air
Junction temperature
B0520WS
.
500
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
MECHANICAL DATA
▪Case: SOD-323
▪Terminals: Solderable per MIL-STD-750, Method 2026
▪ pprox. Weight: 5.48mg / 0.00019oz
A
Top View
Marking Code: SD,SE,SF
Simplified outline SOD-323 and symbol
1
2
B0530WS
.
B0540WS
.
20
40
RMS reverse voltage reverse voltage (DC)
Maximum DC Blocking Voltage
VRMS
VDC
30
V
20
40
21
V
14
28
IF=0.1A
IF=0.5A
IF=1A
0.39
–
0.36
0.45
–
–
0.51
0.62
VR=10V
VR=15V
VR=20V
VR=30V
VR=40V
–
–
–
75
–
250
10
100
500
20
–
–
–
–
-55 ~ +150
V
Tstg
Storage temperature
B0520WS. THRU B0540WS.
REV.08
1 of 3


Similar Part No. - B0520WS.

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Similar Description - B0520WS.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com