Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMB2F Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # UMB2F
Description  Ultra Miniature Glass Passivated Single-Phase
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

UMB2F Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  UMB2F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
1
Fig.1 Forward Current
Derating Curve
25
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
0.2
0.4
0.6
0.8
Glass Epoxy P.C.B
Al Substrate
5
10
15
20
8.3mS single half
sine-wave
Fi 3 Ti l I
tt
F
d
0
0
25
50
75
100
125
150
Amibant Temperature(℃)
Fig 4 Typical Reverse Leakage
0
1
10
100
Number of Cycles at 60Hz
1
10
Fig.3 Typical Instantaneous Forward
Characteristics
1
10
Fig.4 Typical Reverse Leakage
Characteristics
Tj=125℃
Tj=75℃
0.01
0.1
0.6
0.9
1.2
1.5
1.8
Instantaneous Forward Voltage(V)
0.01
0.1
0%
20%
40%
60%
80%
100%
Percent or Rated Peak Reverse Voltage (%)
Tj=25℃
Tj=25℃
Pulse With=300μS
1%Duty Cycle
Marking
Design 1
Design 2
Annotation of Marking Code:
Device Type
Device Marking
UMB05F
B1
UMB6F
B5
UMB8F
B6
UMB10F
B7
UMB1F
B2
UMB2F
B3
UMB4F
B4
Marking meaning
●
Bx = Marking Code, x = 1,2,3,… ,7. See the table at the right .
●
An = Suppliers' Code. It's default as a general rule,like Design 1.
UMB05F~UMB10F
Rev : 01.06.2014
2/3
www.leiditech.com
Rev : 01.06.2014
2/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com