Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMB2F Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # UMB2F
Description  Ultra Miniature Glass Passivated Single-Phase
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

UMB2F Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  UMB2F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
Soldering Pad
Ordering Information
Reel Diameters (mm)
280/11″
Outline
Reel (PCS)
Taping
4,000
Per Carton (PCS)
96,000
UMB05F~UMB10F
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com