Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMB2F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # UMB2F
Description  Ultra Miniature Glass Passivated Single-Phase
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

UMB2F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  UMB2F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd UMB2F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMB05F~UMB10F
Ultra Miniature Glass Passivated Single-Phase
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junction
●
Low forward voltage drop
gp
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
SOF2-4
Major Ratings and Characteristics
Mechanical Date
●
Case: SOF2-4 Molded plastic
over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Polarity symbols marked on body
IR
5.0 μA
VF
1.1 V
Tj max
150 °C
IF(AV)
0.5 A, 0.8 A
VRRM
50V to 1000V
IFSM
20 A
●
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
V
C
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
UMB
6F
UMB
8F
UMB
10F
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
Items
Symbol
UMB
05F
UMB
1F
UMB
2F
UMB
4F
600
800
1000
V
Tj max.
150 C
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
20
A
Maximum average forward rectified current
IF(AV)
0.5
0.8
at TA=50℃
-on glass-epoxy P.C.B
(1)
A
-on aluminum substrate
(2)
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Note 1: On glass epoxy P.C.B. mounted on 0.05×0.05″(1.3×1.3mm) pads
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Thermal resistance from junction to ambient
per leg
RθJA
(1)
100
℃
/W
RθJA
(2)
80
Thermal resistance from junction to lead per
leg
(1)
RθJL
30
℃
/W
Note 2: On aluminum substrate P.C.B. with an area of 0.8×0.8″(20×20mm) mounted on 0.05×0.05″(1.3×1.3mm) solder pad
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 3: Pulse test:300μs pulse width,1% duty cycle.
5
100
μA
Reverse current per leg
VR=VDC
Tj=25℃
Tj=125℃
IR
--
UNIT
Instantaneous forward voltage per leg
IF=0.4A
(3)
VF
-
0.96
1.10
V
Items
Test conditions
Symbol
Min
Type
Max
at TA=30℃
Rev : 01.06.2014
1/3
www.leiditech.com
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - UMB2F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UMB2F JUXING-UMB2F Datasheet
987Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
logo
Microdiode Semiconducto...
UMB2F CHENDA-UMB2F Datasheet
922Kb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UMB2F DYELEC-UMB2F Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UMB2F JUXING-UMB2F Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UMB2F ZSELEC-UMB2F Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UMB2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF005M GE-DF005M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Vishay Siliconix
DF10S-E3 VISHAY-DF10S-E3 Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase
19-Aug-13
logo
Guangdong Juxing Electr...
UMB05F JUXING-UMB05F Datasheet
987Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
logo
Cystech Electonics Corp...
MB1ST05 CYSTEKEC-MB1ST05 Datasheet
272Kb / 3P
Miniature Glass Passivated Single Phase Surface
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
MB2ST05 CYSTEKEC-MB2ST05 Datasheet
272Kb / 3P
Miniature Glass Passivated Single Phase
MB2ST08 CYSTEKEC-MB2ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase
logo
Semtech Corporation
DF005M SEMTECH-DF005M Datasheet
155Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE - PHASE - RECTIFIER
logo
Surge Components
MB2M SURGE-MB2M Datasheet
400Kb / 2P
Miniature Glass Passivated Single-phase Rectifers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com