Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA290 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA290 Datasheet HTML 9Page - Texas Instruments INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments INA290 Datasheet HTML 16Page - Texas Instruments INA290 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7 Detailed Description
7.1 Overview
The INAx290 is a high-side only current-sense amplifier that offers a wide common-mode range, precision zero-
drift topology, excellent common-mode rejection ratio (CMRR), high bandwidth, and fast slew rate. Different gain
versions are available to optimize the output dynamic range based on the application. The INAx290 is designed
using a transconductance architecture with a current-feedback amplifier that enables low bias currents of 20 µA
and a common-mode voltage of 120 V.
7.2 Functional Block Diagram
SAR
ADC
IN+
IN±
OUT
VCM
+
±
Buffer
Current
Feedback
VS
GND
RL
R1
R1
Bias
Load
RSENSE
ISENSE
INA290 (single channel)
INA2290 (dual channel)
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com