Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA290 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 3 Page - Texas Instruments

  INA290 Datasheet HTML 1Page - Texas Instruments INA290 Datasheet HTML 2Page - Texas Instruments INA290 Datasheet HTML 3Page - Texas Instruments INA290 Datasheet HTML 4Page - Texas Instruments INA290 Datasheet HTML 5Page - Texas Instruments INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
OUT
2
GND
3
VS
4
IN+
5
IN±
Not to scale
Figure 5-1. INA290: DCK Package 5-Pin SC-70 Top View
Table 5-1. Pin Functions: INA290
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Ground
Ground
IN–
5
Input
Connect to load side of shunt resistor.
IN+
4
Input
Connect to supply side of shunt resistor.
OUT
1
Output
Output voltage
VS
3
Power
Power supply
IN+1
IN-1
IN+2
IN-2
VS
OUT1
OUT2
GND
Figure 5-2. INA2290: DGK Package 8-Pin VSSOP Top View
Table 5-2. Pin Functions: INA2290 (Dual Channel)
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
5
Ground
Ground
IN–1
2
Input
Current-sense amplifier negative input for channel 1. Connect to load side of
channel-1 sense resistor.
IN+1
1
Input
Current-sense amplifier positive input for channel 1. Connect to bus-voltage side of
channel-1 sense resistor.
IN–2
4
Input
Current-sense amplifier negative input for channel 2. Connect to load side of
channel-2 sense resistor.
IN+2
3
Input
Current-sense amplifier positive input for channel 2. Connect to bus-voltage side of
channel-2 sense resistor.
OUT1
7
Output
Channel 1 output voltage
OUT2
6
Output
Channel 2 output voltage
VS
8
Power
Power supply
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com