Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA290 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA290 Datasheet HTML 17Page - Texas Instruments INA290 Datasheet HTML 18Page - Texas Instruments INA290 Datasheet HTML 19Page - Texas Instruments INA290 Datasheet HTML 20Page - Texas Instruments INA290 Datasheet HTML 21Page - Texas Instruments INA290 Datasheet HTML 22Page - Texas Instruments INA290 Datasheet HTML 23Page - Texas Instruments INA290 Datasheet HTML 24Page - Texas Instruments INA290 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
9 Power Supply Recommendations
The input circuitry of the INAx290 device can accurately measure beyond the power-supply voltage. The power
supply can be 20 V, whereas the load power-supply voltage at IN+ and IN– can go up to 120 V. The output
voltage range of the OUT pin is limited by the voltage on the VS pin and the device swing to supply specification.
10 Layout
10.1 Layout Guidelines
TI always recommends to follow good layout practices:
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
makes sure that only the current-sensing resistor impedance is detected between the input pins. Poor routing
of the current-sensing resistor commonly results in additional resistance present between the input pins.
Given the very low ohmic value of the current resistor, any additional high-current carrying impedance can
cause significant measurement errors.
• Place the power-supply bypass capacitor as close to the device power supply and ground pins as possible.
The recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added
to compensate for noisy or high-impedance power supplies.
• When routing the connections from the current-sense resistor to the device, keep the trace lengths as short
as possible.
10.2 Layout Example
4
2
IN±
OUT
Current Sense
Output
GND
Load
VIA to Ground
Plane
Power Supply, VS
(2.7 V to 20 V)
CBYPASS
5
1
IN+
VS 3
RSENSE
Direction of
Current Flow
Bus Voltage
TI Device
Figure 10-1. Recommended Layout for INA290
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com