Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF555 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 8 Page - 3M Electronics

Back Button AF555 Datasheet HTML 4Page - 3M Electronics AF555 Datasheet HTML 5Page - 3M Electronics AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 8 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
XIV. Out Time: RDA vs. Room Temperature Exposure
Scotch-Weld AF 555U Film 0.030 Wt.
Scotch-Weld AF 555M Film 0.050 Wt.
Minimum
Viscosity (Pa*s)
Temperature @
Minimum
Viscosity F (C)
Time @ Minimum
Viscosity (Min.)
Initial
1.44
332 (167)
29
3 Months
6 Months
9 Months
12 Months
1.22
336 (169 )
29
1.85
332 (167 )
28
1.66
329 (165 )
28
1.85
332 (167 )
28
Minimum
Viscosity (Pa*s)
Temperature @
Minimum
Viscosity F (C)
Time @ Minimum
Viscosity (Min.)
Initial
3 Months
6 Months
9 Months
12 Months
8.86
338 (170 )
29
7.96
336 (169 )
29
11 .27
332 (167 )
29
11 .05
336 (169 )
28
7.85
338 (170 )
29
Scotch-Weld AF 555K Film 0.080 Wt.
Minimum
Viscosity (Pa*s)
Temperature @
Minimum
Viscosity F (C)
Time @ Minimum
Viscosity (Min.)
Initial
3 Months
6 Months
9 Months
12 Months
4.53
332 (167 )
29
4.78
329 (165 )
28
4.36
327 (164 )
28
5.17
327 (164 )
28
5.84
324 (162 )
27
Test Equipment: Rheometric Dynamic Analyzer.
Frequency = 1 Hz
Heat-up Rate = 5°C/min.
Strain = 0.2%
Data Collection Frequency = 30 sec.
Construct = 3M™ Scotch-Weld™ Structural Adhesive Film AF 555 0.05 wt.
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 9 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
XV. Out Time: 90°F / 50% RH Exposure
DSC vs. Out Time @ 90°F (32°C) / 50% RH
Samples of 3M™ Scotch-Weld™ Structural Adhesive Film AF 555U 0.035 wt. and AF 555M 0.050 wt.
were conditioned @ 90°F (32°C) / 50% RH for 60 days.
Equipment: Perkin Elmer DSC 7
Ramp Rate: 10°C/min.
Peak Exotherm
Onset Temperature ºF [ºC]
Delta H [J/g]
Temperature ºF [ºC]
initial
315 [157]
289
334 [168]
14 days
315 [157]
296
331 [166]
21 days
313 [156]
280
336 [169]
39 days
313 [156]
302
331 [166]
60 days
311 [155]
290
331 [166]
Scotch-Weld AF 555U Film 0.035 wt. Unsupported
Peak Exotherm
Onset Temperature ºF [ºC]
Delta H [J/g]
Temperature ºF [ºC]
initial
315 [157]
289
340 [171]
14 days
313 [156]
287
336 [169]
21 days
315 [157]
287
336 [169]
39 days
315 [157]
290
336 [169]
60 days
307 [153]
300
331 [166]
Scotch-Weld AF 555M Film 0.05 wt. Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com