Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF555 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 2 Page - 3M Electronics

  AF555 Datasheet HTML 1Page - 3M Electronics AF555 Datasheet HTML 2Page - 3M Electronics AF555 Datasheet HTML 3Page - 3M Electronics AF555 Datasheet HTML 4Page - 3M Electronics AF555 Datasheet HTML 5Page - 3M Electronics AF555 Datasheet HTML 6Page - 3M Electronics AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 2 -
Typical Cured
Physical Properties
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
I. Torsion RDA
Test Equipment: Rheometric Dynamic Analyzer
II. Dry / Wet Glass Transition Temperature
Cured Scotch-Weld AF 555 Film dry unconditioned vs. Scotch-Weld AF 555 Film aged in DI water
for 1000 hours at 80°C.
3M™ Scotch-Weld™ Structural Adhesive AF 555 Film unsupported adhesive was cured under standard
conditions. Specimen size: 33.848 (L) x 12.44 (W) x 1.94 mm (T).
Onset Temp
F [C]
Tan Delta Peak
F [C]
Scotch-Weld AF 555 Film
unconditioned
304 [151]
338 [170]
Scotch-Weld AF 555 Film aged
in DI water for 1000 h @ 80°C
279 [137]
325 [163]
136.76°C
151.43°C
162.81°C
169.98°C
0.2
0.4
0.6
0.01
0.1
1
10
100
1
10
100
1000
10000
-50
0
50
100
150
200
250
Temperature (°C)
AF 555 1000h in DIwater 80C.004
–––––––
Copy of AF 555 unconditioned.003
– – – –
Universal V4.3A TA Instruments
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 3 -
Typical Cured
Physical Properties
(continued)
Note: The following technical information and data is based on limited 3M testing
conditions and should not be used for specification purposes.
III. Metal to Metal – Overlap Shear
Overlap Shear Specimens: 1" wide, 1/2" overlap specimen, 0.063" thick, FPL etched and phosphoric acid
anodized 2024-T3 bare aluminum. Primed with 3M™ Scotch-Weld™ Structural Adhesive Primer EW-5000.
IV. Metal to Metal – Floating Roller Peel
Floating roller peel specimens: 1/2" wide, 0.063" back panel, 0.025" skin 2024-T3 bare aluminum, FPL
etched and phosphoric acid anodized. Primed with 3M™ Scotch-Weld™ Structural Adhesive Primer EW-5000.
Test Temperature
°F (°C)
Scotch-Weld AF 555 Film
M 0.050 Wt. PSI (MPa)
Scotch-Weld AF 555 Film
U 0.030 Wt. PSI (MPa)
Scotch-Weld AF 555 Film
K 0.080 Wt. PSI (MPa)
-67 (-55)
75 (23)
277 (136)
350 (177)
4776 (33)
5416 (37)
2606 (18)
1571 (11)
4850 (33)
5634 (39)
3016 (21)
1526 (11)
4770 (33)
5765 (40)
4355 (30)
2252 (16)
Test Temperature
°F (°C)
Scotch-Weld AF 555 Film
M 0.050 Wt. PIW (N/25mm)
Scotch-Weld AF 555 Film
U 0.030 Wt. PIW (N/25mm)
Scotch-Weld AF 555 Film
K 0.080 Wt. PIW (N/25mm)
-67 (-55)
75 (23)
180 (177)
22 (97)
38 (169)
39 (173)
25 (111)
37 (165)
39 (173)
20 (89)
31 (138)
29 (129)
Scotch-Weld AF 555 Film
0.06M Wt. Supported, Unreticulated
)a
P
M
(
I
S
P
C
°
F
°
)3
.7
(
7
1
1
1
)3
2(
5
7
)4
2.
3(
8
6
4
)6
3
1(
7
7
2
Skin: 0.02" thick 2024-3T bare, FPL etched. Honeycomb Core: 0.50" thick, 1/4" cell, 0.004 foil, 5052 aluminum.
V. Metal to Honeycomb – Flatwise Tensile
All properties were measured on 2" x 2" honeycomb sandwich bonds. Primer used 3M™ Scotch-Weld™
Structural Adhesive Primer EC-3917. Tested in accordance with MIL-A-25463B and ASTM C-297.
Test Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com