Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF555 Datasheet(PDF) 13 Page - 3M Electronics

Part # AF555
Description  3M Scotch-Weld??Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF555 Datasheet(HTML) 13 Page - 3M Electronics

Back Button AF555 Datasheet HTML 7Page - 3M Electronics AF555 Datasheet HTML 8Page - 3M Electronics AF555 Datasheet HTML 9Page - 3M Electronics AF555 Datasheet HTML 10Page - 3M Electronics AF555 Datasheet HTML 11Page - 3M Electronics AF555 Datasheet HTML 12Page - 3M Electronics AF555 Datasheet HTML 13Page - 3M Electronics AF555 Datasheet HTML 14Page - 3M Electronics AF555 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 12 -
B. Aluminum Honeycomb Core
D. Stainless Steel – Type 301
1. Soak in clean aliphatic naphtha (conforming to TT-N-95A) for five minutes
at room temperature. Dry 10 minutes at 140°F (maximum).
2. Optional – Immerse in etching solution above for 2 minutes 155 ± 5°F.
Rinse, air dry and force dry in a similar manner to skins.
C. Titanium CP or 6AI 4V both Turco® 5578-L* and improved phosphate fluoride
processing have been used successfully with 3M™ Scotch-Weld™ Structural
Adhesive Film AF 555.
1. Vapor hone 140 grit in water – rinse thoroughly with clear running tap water.
2. Degrease – solvent or alkaline process.
3. Immerse for 15 minutes at 185 ± 5°F in the following bath:
Turco® 5578-L – 420 grams
Distilled water – Balance to make 1 liter
4. Immerse for 1 minute in 170 ± 5°F distilled water.
5. Spray rinse for 5 minutes in hot tap water ~ 130°F.
6. Air dry for 10 to 20 minutes.
7. Force dry for 15 minutes at 140°F (maximum).
8. It is advisable to bond or prime freshly cleaned surfaces within four hours.
*Available from Henkel North America.
1. Vapor hone 140 grit in water.
2. Rinse thoroughly in clear running tap water.
3. Alkaline degrease – see procedure above.
4. Rinse thoroughly in clear running tap water.
5. Immerse for 10 minutes at 75 ± 5°F in the following bath:
Distilled Water 73-95 oz/gal
Nitric Acid 42° Be 30-50 oz/gal
Hydrofluoric Acid 70% 3-5 oz/gal
6. Rinse thoroughly in clear running tap water.
7. Air dry for 10-20 minutes.
8. Force dry for 15 minutes at 150°F.
9. Bond or prime within four hours after preparing.
E. Cured fiberglass or carbon fiber reinforced epoxy resin based reinforced
plastic.
1. Abrade with 180 grit paper or 3M™ Scotch-Brite™ Scour Pad (do not
cut through resin into reinforcing fibers).
2. Degrease using acetone or using an unsized cheesecloth pad.
3. Air dry for two hours minimum.
XVI. Continued – Surface Preparation
3M™ Scotch-Weld™
Structural Adhesive Film
AF 555
- 13 -
XVII. Primers
For most applications, use of a corrosion inhibiting primer is suggested to
obtain maximum bond durability in moist, corrosive environments. 3M™
Scotch-Weld™ Structural Adhesive Primers EW-5000, EW-5000AS, and
EC-3917 have all been successfully used with 3M™ Scotch-Weld™ Structural
Adhesive Film AF 555. Because of its characteristics which allow both spray
and brush application methods, either Scotch-Weld EW-5000 or EW-5000AS
are normally suggested for use with Scotch-Weld AF 555 films. For suggested
application techniques, refer to the respective primer data sheets.
Primer Coverage
For the primers noted above, the optimum mechanical property test performance
with Scotch-Weld AF 555 Film will normally be found with uniform primer coverage
in the 1-3 g/m2 range (dry weight). This is approximately 0.1 mils as measured
by an Isometer*. As the primer weight is increased a gradual decrease in low
temperature peel strength will be found along with increasing levels of cohesive
fracture in the primer layer (exception: properly controlled 180° T-Peel
does not normally show this effect). Where specific tests and required strength levels
are involved, a few simple experiments with varied primer coverage will be required
to establish an allowable primer coverage range. Further applications can then be
controlled by correlating color or thickness standards for the acceptable range.
*Isometer from Forster Instruments, Ontario, Canada.
XVIII. Adhesive Film Application
Care should be taken during application to avoid contamination of the adhesive
and substrates by any substances which will interfere with the wetting action of
the adhesive.
Layup:
A. Scotch-Weld AF 555 U, M, or K Films
Scotch-Weld EW5000 & EW5000 AS Primers Application
The following cycle is suggested for these primers when used with Scotch-Weld
AF 555 films:
EW5000 & EW5000 AS
EC-3917:
Cured Thickness
0.10-0.28 mils
0.10-0.20 mils
Air Dry
30 minutes
60 minutes
Force Dry
180 ± 5ºF for 30 ± 5 minutes
250 ± 5ºF for 60 ± 5 minutes
1. Cut a portion of film sufficient for the assembly from the stock roll with
protective liner(s) in place.
2. If the film has one protective liner, place the exposed adhesive against the
substrate using the liner as a protective cover. If two liners are present, remove
one and follow as above.
3. Position film and rub out all air between the adhesive and the substrate. Use of
a rubber roller will facilitate this process.
4. Remove protective liner.
5. Complete assembly being careful to avoid trapping air and cure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com