Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF10 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF10
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF10 Datasheet(HTML) 5 Page - 3M Electronics

  AF10 Datasheet HTML 1Page - 3M Electronics AF10 Datasheet HTML 2Page - 3M Electronics AF10 Datasheet HTML 3Page - 3M Electronics AF10 Datasheet HTML 4Page - 3M Electronics AF10 Datasheet HTML 5Page - 3M Electronics AF10 Datasheet HTML 6Page - 3M Electronics AF10 Datasheet HTML 7Page - 3M Electronics AF10 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
- 5 -
Primer Application
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
Priming of adherends offers two distinct advantages: a) ensures complete wetting of
metal surfaces which normally results in superior environmental properties, and
b) simplified production by protecting clean parts until bonding can be completed.
3M™ Scotch-Weld™ Structural Adhesive Primer EC-1290 has been applied
successfully by flow coating, brushing and spraying.
Application: See the Scotch-Weld EC-1290 data sheet for the suggested primer
applications.
Primer Dry: A primer dry coat which will result in a solvent-free coating is generally
satisfactory. Drying temperatures above 300°F (149°C) should be avoided since a
primer overcure will hinder wetting action of the adhesive film to the primer.
The following chart lists suggested dry cycles for Scotch-Weld EC-1290.
Air Dry
Force Dry
Force Dry Temp.
EC-1290
60 min.
30 min.
180°F (82°C)
60 min.
30 min.
240°F (116°C)
The primer surface, after cooling to ambient temperature, is ready for adhesive
bonding. The primed surface should be protected from contamination introduced by
dust, finger prints, oil, etc.
Film Application
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
Care should be taken to avoid contaminating adhesive and cleaned or primed
aluminum by an substance which will hinder wetting action of the adhesive.
a. Cut portion of film to be used from roll with protective liner in place.
b. Place film on metal using the liner as a protective cover.
c. Roll film into position with a rubber roller insuring that no air is trapped between
primer and film.
d. Film can be heat or solvent tacked (Scotch-Weld EC-1290 primer or ketone) into
position.
e. Remove protective liner.
f. Assembly parts and cure.
Excess primer and equipment may be cleaned up, prior to curing, with ketone* type
solvent.
*Note: When using solvents for cleanup, extinguish all sources of ignition in the area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com