Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF10 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF10
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF10 Datasheet(HTML) 1 Page - 3M Electronics

  AF10 Datasheet HTML 1Page - 3M Electronics AF10 Datasheet HTML 2Page - 3M Electronics AF10 Datasheet HTML 3Page - 3M Electronics AF10 Datasheet HTML 4Page - 3M Electronics AF10 Datasheet HTML 5Page - 3M Electronics AF10 Datasheet HTML 6Page - 3M Electronics AF10 Datasheet HTML 7Page - 3M Electronics AF10 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
Introduction
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10, AF 13 are
unsupported, thermosetting adhesives in film form developed for the structural
bonding of metals. These products are especially suggested for use where high peel
strengths are required. Some of the advantages of these films are:
• Good flexibility and shear strength at service temperatures from -67°F to 180°F
(-55°C to 82°C).
• Easy application in a dry film which can be pressure, heat or solvent tacked into
position.
• Excellent retention of strength after aging in many environments.
• Qualification to military specification MMM-A-132 Type 1, Class 2,
(Scotch-Weld AF 6 only).
Technical Data
July, 2001
Description
Scotch-Weld AF 6
Scotch-Weld AF 10
Scotch-Weld AF 13
Color:
Yellow
Yellow
Yellow
Form:
Flexible unsupported film, protected by a suitable liner
0.006 in.
0.010 in.
0.003 in.
0.152 mm
0.254 mm
0.076 mm
Caliper:
0.025 in.
0.05 in.
0.015 in.
0.635 mm
1.25 mm
0.381 mm
Weight:
0.04 lb/ft2
0.06 lb/ft2
0.018 lb/ft2
196.13 g/m2
294.19 g/m2
88.26 g/m2
Volatile Content:
Approximately 10%


Similar Part No. - AF10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF10 ETC2-AF10 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
NIHON DEMPA KOGYO
AF10-12D NDK-AF10-12D Datasheet
85Kb / 1P
Antenna Filter
AF10-24D NDK-AF10-24D Datasheet
85Kb / 1P
Antenna Filter
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
UNIVERSAL ACTIVE FILTER
logo
CUI INC
AF100 CUI-AF100 Datasheet
213Kb / 2P
THERMAL PAD
More results

Similar Description - AF10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3960 3M-EC-3960 Datasheet
22Kb / 5P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-2174 3M-EC-2174 Datasheet
19Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com