Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF10 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF10
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF10 Datasheet(HTML) 8 Page - 3M Electronics

  AF10 Datasheet HTML 1Page - 3M Electronics AF10 Datasheet HTML 2Page - 3M Electronics AF10 Datasheet HTML 3Page - 3M Electronics AF10 Datasheet HTML 4Page - 3M Electronics AF10 Datasheet HTML 5Page - 3M Electronics AF10 Datasheet HTML 6Page - 3M Electronics AF10 Datasheet HTML 7Page - 3M Electronics AF10 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
- 8 -
Printed in U.S.A.
©3M 2001
78-6900-9827-8
Recycled Paper
40% pre-consumer
10% post-consumer
3
Aerospace Department
Engineered Adhesives Division
3M Center, Building 220-8E-05
St. Paul, MN 55144-1000
Phone: 1-800-364-3577 or 651/737-6501
www.3m.com/adhesives
To request additional product information or to arrange for sales assistance, call toll
free (800) 235-2376. Our fax number is (417) 869-5219. Address correspondence to:
3M Aerospace Central, 3211 E. Chestnut Expressway, Springfield, MO 65802.
For Additional
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the
3M product is fit for a particular purpose and suitable for user’s
method of application. Please remember that many factors can affect the use and performance of a
3M
Engineered Adhesives Division product in a particular application. The materials to be bonded with the
product, the surface preparation of those materials, the product selected for use, the conditions in which
the product is used, and the time and environmental conditions in which the product is expected to
perform are among the many factors that can affect the use and performance of a
3M product. Given the
variety of factors that can affect the use and performance of a
3M product, some of which are uniquely
within the user’s knowledge and control, it is essential that the user evaluate the
3M product to determine
whether it is fit for a particular purpose and suitable for the user’s method of application.
Important Notice
If the
3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION, SHALL BE TO
REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE DEFECTIVE
3M PRODUCT.
3M shall not otherwise be liable for loss or damages, whether direct, indirect, special, incidental, or
consequential, regardless of the legal theory asserted, including, but not limited to, contract, negligence,
warranty, or strict liability.
Limitation of Remedies
and Liability
This Engineered Adhesives Division product was manufactured under a 3M quality system registered to ISO 9002 standards.
ISO 9002
Refer to Product Label and Material Safety Data Sheet for health and safety information
before using this product. For additional health and safety information, call 1-800-364-
3577 or (651) 737-6501.
Precautionary
Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com