Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF13 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF13
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF13 Datasheet(HTML) 6 Page - 3M Electronics

  AF13 Datasheet HTML 1Page - 3M Electronics AF13 Datasheet HTML 2Page - 3M Electronics AF13 Datasheet HTML 3Page - 3M Electronics AF13 Datasheet HTML 4Page - 3M Electronics AF13 Datasheet HTML 5Page - 3M Electronics AF13 Datasheet HTML 6Page - 3M Electronics AF13 Datasheet HTML 7Page - 3M Electronics AF13 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
Cure Cycle
3M™ Scotch-Weld™ Structural Adhesive Films AF 6, AF 10 and AF 13
General Cure Requirements: Time, temperature and pressure determine final bond
properties. These properties may also be effected by the type of curing equipment
used for each specific application. In general, cure properties are as follows:
Tack, Flow and Cure Initiation Temperatures
Tack, flow and cure initiation temperatures are a time temperature relationship which
depend upon the rate of heat input. Normally the properties are as follows:
Tack Temperature:
160°F-180°F (71°C-82°C)
Flow Temperature:
180°F-220°F (82°C-104°C)
Cure Initiation Temperature:
220°F-270°F (104°C-132°C)
Cure Pressure: Pressure is required during cure to form the part being bonded and to
contain any volatiles given off by the adhesive. Cure pressure may be applied in any
manner which will ensure uniform constant pressure throughout the bond area.
Pressure must be uniformly applied before the curing reaction begins and maintained
until a complete set has been effected. The pressure required to contain volatiles is
dependent on the rate at which bond line temperature is brought to the cure
temperature. The bond line temperature rise rate can be varied from 1°F to
300°F/minute (0.6°C to 167°C/minute). Rise rate (and cure pressure required) will
depend on specific application, cure temperature, bonding equipment, method of heat
application, production limitations and bond properties required.
Cure Temperature: Cure temperature may be varied from 275°F to 400°F (135°C to
204°C), depending upon the materials being bonded, equipment available and bond
properties desired. The desired pressure must be applied before the glue line reaches
160°F (71°C). Film will soften as temperature is increased to 180°F-220°F (82°C-
104°C) and will wet the surface to which it has been applied. A chemical cure will be
initiated between 220°F and 270°F (104°C and 132°C) and a low strength gel
formed. Continued heating chemically, converts the adhesive into a high-strength,
solvent-resistant bond.
Cure Time: Cure time depends on the cure temperature used, methods of heat
application, production limitations and bond properties required. Since no two
bonding operations are exactly alike, it is suggested that a few simple experiments be
conducted, varying both temperature and cure time to determine optimum conditions
for the particular application.
Suggested Cure Cycle: The following press cure cycle is suggested to obtain dense
glue lines and was used to obtain the strengths reported in the test results section.
1. Place bonds in press and apply 150 psi (1.03 MPa) of pressure.
2. Temperature rise rate 10°F/minute from ambient to 350°F (6°C/minute from
ambient to 177°C).
3. Cure for 60 minutes at 350°F (177°C).
4. Bonds can be removed from the press at 350°F (177°C).
- 6 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com