Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF13 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF13
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF13 Datasheet(HTML) 2 Page - 3M Electronics

  AF13 Datasheet HTML 1Page - 3M Electronics AF13 Datasheet HTML 2Page - 3M Electronics AF13 Datasheet HTML 3Page - 3M Electronics AF13 Datasheet HTML 4Page - 3M Electronics AF13 Datasheet HTML 5Page - 3M Electronics AF13 Datasheet HTML 6Page - 3M Electronics AF13 Datasheet HTML 7Page - 3M Electronics AF13 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
11. Normal temperature 75°F (24°C) for 192 hours at
1600 psi
0.0072 in. (0.1829 mm)
12. 180°F (82°C) for 192 hours at 800 psi
0.0065 in. (0.1651 mm)
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
- 2 -
Product
Performance
3M™ Scotch-Weld™ Structural Adhesive Film AF 6
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
The following is a summary of typical test results for Scotch-Weld AF 6 when bonded specimens
were prepared and tested in accordance with Military Specification MMM-A-132 Type 1, Class 2.
Test Condition
Film AF 6 Unprimed
1. Normal temperature 75°F (24°C)
3400 psi (23.4 MPa)
2. 10 minutes at 180°F (82°C)
1600 psi (11.0 MPa)
3. 10 minutes at -67°F (-55°C)
3000 psi (20.7 MPa)
4. Normal temperature 75°F (24°C) after 30 days salt
water spray
3200 psi (22.0 MPa)
5. Normal temperature 75°F (24°C) after 30 days –
120°F (49°C) and 95-100% RH
3300 psi (22.7 MPa)
6. Normal temperature 75°F (24°C) after 30 days
immersion in tap water
3700 psi (25.5 MPa)
7. Normal temperature 75°F (24°C) after 7 days
immersion in JP-4 fuel
3300 psi (22.7 MPa)
8. Normal temperature 75°F (24°C) after 7 days
immersion in anti-icing fluid
3100 psi (21.4 MPa)
9. Normal temperature 75°F (24°C) after 7 days
immersion in hydraulic oil
3600 psi (24.8 MPa)
10. Normal temperature 75°F (24°C) after 7 days
immersion in type III hydrocarbon fluid
3200 psi (22.0 MPa)
13. Normal temperature 75°F (24°C) 750 psi at 106 cycles
No failures
14. Tensile shear 75°F (24°C) blister detection
3200 psi (22.0 MPa)
15. Tensile shear Scotch-Weld AF 6/3M™ Scotch-Weld™
Test Temp.
Test Results
Structural Adhesive Primer EC-1290 10%
-67F (-55°C)
2400 psi (16.5 MPa)
75°F (24°C)
3400 psi (23.4 MPa)
180°F (82°C)
1600 psi (11.0 MPa)
16. T-Peel Scotch-Weld AF 6/Scotch-Weld EC-1290 10%
Test Temp.
Test Results
-67F (-55°C)
7 piw (31.2 N/25mm)
75°F (24°C)
60 piw (267 N/25mm)
180°F (82°C)
25 piw (111 N/25mm)
17. Scotch-Weld AF 6 unprimed overlap shear strength on
Test Temp.
Test Results
chromic anodized aluminum
75°F (24°C)
3800 psi (26.2 MPa)
180°F (82°C)
1700 psi (11.7 MPa)
250°F (121°C)
1200 psi (8.3 MPa)
300°F (149°C)
1000 psi (6.9 MPa)
350°F (177°C)
900 psi (6.2 MPa)
400°F (204°C)
800 psi (5.5 Mpa)
Cure Cycle: 60 minutes at 350°F, 90 psi, 10°F/minute rise. (60 minutes at 177°C, 0.62 MPa, 5.6°C/
minute rise.)
18. Thermal Conductivity: 0.062 BTU/HR. SQ. FT./°F;/FT
Tensile Shear
Creep Rupture
Fatigue
Other Tests



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com