Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF13 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF13
Description  3M Scotch-WeldTM Structural Adhesive Films
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF13 Datasheet(HTML) 3 Page - 3M Electronics

  AF13 Datasheet HTML 1Page - 3M Electronics AF13 Datasheet HTML 2Page - 3M Electronics AF13 Datasheet HTML 3Page - 3M Electronics AF13 Datasheet HTML 4Page - 3M Electronics AF13 Datasheet HTML 5Page - 3M Electronics AF13 Datasheet HTML 6Page - 3M Electronics AF13 Datasheet HTML 7Page - 3M Electronics AF13 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Scotch-WeldTM
Structural Adhesive Films
AF 6 • AF 10 • AF 13
- 3 -
Product
Performance
(continued)
3M™ Scotch-Weld™ Structural Adhesive Film AF 10
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
The following is a summary of typical test results for Scotch-Weld AF 10 when bonded specimens
were prepared and tested in accordance with Military Specification MMM-A-132 Type 1, Class 2.
Test Condition
Film AF 10 Unprimed
Film AF 10 EC-1290
1. Normal temperature 75°F (24°C)
3200 psi (22.0 MPa)
3500 psi (24.1 MPa)
2. 10 minutes at 180°F (82°C)
1600 psi (11.0 MPa)
1600 psi (11.0 MPa)
3. 10 minutes at -67°F (-55°C)
3000 psi (20.7 MPa)
2400 psi (16.5 MPa)
4. Normal temperature 75°F (24°C) after 30 days
salt water spray
4000 psi (27.6 MPa)
4000 psi (27.6 MPa)
5. Normal temperature 75°F (24°C) after 30 days at
120°F (49°C) and 95-100% RH
4000 psi (27.6 MPa)
4000 psi (27.6 MPa)
6. Normal temperature 75°F (24°C) after 30 days
immersion in tap water
4300 psi (29.6 MPa)
4300 psi (29.6 MPa)
7. Normal temperature 75°F (24°C) after 7 days
immersion in JP-4 fuel
4000 psi (27.6 MPa)
3800 psi (26.2 MPa)
8. Normal temperature 75°F (24°C) after 7 days
immersion in anti-icing fluid
4200 psi (28.9 MPa)
4100 psi (28.2 MPa)
9. Normal temperature 75°F (24°C) after 7 days
immersion in hydraulic oil
4300 psi (29.6 MPa)
4000 psi (27.6 MPa)
10. Normal temperature 75°F (24°C) after 7 days
immersion in type III hydrocarbon fluid
4000 psi (27.6 MPa)
4000 psi (27.6 MPa)
Tensile Shear
11. Normal temperature 75°F (24°C) 750 psi at
106 cycles
No failures
Not tested
Fatigue
12. Normal temperature 75°F (24°C) T-Peel
60 piw (267 N/25mm)
60 piw (267 N/25mm)
13. Youngs modulus or tensile modulus @ 75°F (24°C): 20,000-40,000 psi (138-276 MPa)
14. Shear modulus @ 75°F (24°C): 7,000-13,000 psi (48.2-89.6 MPa)
15. Thermal conductivity: 0.062 BTU/HR/Ft2/°F/FT
16. Tensile and Elongation – Specimens prepared by curing eight thicknesses in a platen press at
325°F, 60 minutes, 150 psi, 10°F/minute rise rate (163°C, 60 minutes, 1.0 MPa, 5.6°C/minute rise
rate). Dumbbell specimens size: 3/4 in. x 8 in. (19.05 mm x 203 mm).
Elongation
30-100%
Tensile
2700-4300 psi (18.6-29.6 MPa)
Other Tests



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com