Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC94551D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC94551D
Description  Low Voltage 1:4 CMOS Clock Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC94551D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC94551D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC94551D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC94551D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC94551D Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPC94551
Rev 3, 2/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Low Voltage 1:4 CMOS Clock Buffer
The MPC94551 is a CMOS 1:4 fanout buffer. The MPC94551 is ideal for
applications requiring lower voltage.
Features
•
1:4 CMOS fanout buffer
•
300 ps output to output skew
•
I/O frequency up to 160 MHz operation
•
Non-inverting output clock
•
3.3 V supply voltage
•
Output Enable mode tri-states outputs
•
-40°C to 85°C industrial temperature range
•
Standard 8-lead SOIC package
MPC94551
1:4 LVCMOS
CLOCK BUFFER
EF SUFFIX
8-LEAD SOIC PACKAGE
Pb-FREE PACKAGE
CASE 751-06
ORDERING INFORMATION
Device
Package
MPC94551D
SO-8
MPC94551DR2
SO-8
MPC94551EF
SO-8 (Pb-FREE)
MPC94551EFR2
SO-8 (Pb-FREE)
D SUFFIX
8-LEAD SOIC PACKAGE
CASE 751-06
Figure 1. Logic Diagram
Figure 2. Pin Assignment
ICLK
OE
Q1
Q2
Q3
Q4
1
2
3
4
8
7
6
5
OE
GND
VDD
Q4
Q1
Q3
Q2
ICLK


Similar Part No. - MPC94551D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EF RENESAS-MPC94551EF Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EFR2 RENESAS-MPC94551EFR2 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
More results

Similar Description - MPC94551D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
1:3 CMOS Clock Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
Low Voltage 1:4 CMOS Clock Buffer
2019
IDT5T30553 RENESAS-IDT5T30553 Datasheet
256Kb / 9P
LOW SKEW 1 TO 4 CLOCK BUFFER
121013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com