Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSC31014 Datasheet HTML 1Page - Renesas Technology Corp ZSC31014 Datasheet HTML 2Page - Renesas Technology Corp ZSC31014 Datasheet HTML 3Page - Renesas Technology Corp ZSC31014 Datasheet HTML 4Page - Renesas Technology Corp ZSC31014 Datasheet HTML 5Page - Renesas Technology Corp ZSC31014 Datasheet HTML 6Page - Renesas Technology Corp ZSC31014 Datasheet HTML 7Page - Renesas Technology Corp ZSC31014 Datasheet HTML 8Page - Renesas Technology Corp ZSC31014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
RBicilite™ Digital Output Sensor
Signal Conditioner
ZSC31014
Datasheet
2
January 20, 2016
INMUX
PreAmp
VDD
(2.7V - 5.5V)
VSS
EEPROM w/
Charge Pump
& Checksum
DSP
Core
POR/Oscillator
A
D
14-Bit ADC
I
2C™ or SPI
Interface
Temperature
Reference
VBP
RBiciLite™
ZSC31014
Bsupply
Optional
Bsink
0.1µF
INT/SS
SDA/MISO
SCL/SCLK
Sensor
Diagnostics
VBN
Vsupply 5V
GND
0.1µF
O
U
VBP
VBN
VSS
VDD
SDA/MISO
SCL/SCLK
INT/SS
BSINK
ZSC31014
e.g. HIH4000
ZSC31014 Block Diagram
Application: Half-Bridge Voltage Measurement
Application: Generic Differential A2D Converter
Ordering Examples (Refer to section 10 in the data sheet for additional options.)
Sales Code
Description
Package
ZSC31014EAB
ZSC31014 Die — Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31014EAC
ZSC31014 Die — Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31014EAG1
ZSC31014 SOP8 (150 mil) — Temperature range: -40° to +125°C
Tube: add “-T” to sales code / Reel: add “-R”
ZSC31014KIT
ZSC31014 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, USB Cable, 5 IC Samples
(software can downloaded on www.IDT.com/ZSC31014)
Applications:
Industrial: building automation, data
loggers, pressure meters, leak
detection monitoring
Medical: infusion pumps, blood
pressure meters, air mattresses,
apnea monitors
White Goods / Appliances: fluid
level, refrigerant
Consumer: body monitors, portable
monitors, desktop weather stations,
bathroom scales, toys/games
Differential
Signal from
Any Source
V Supply
GND
0 .1 µF
VSS
BSINK
VBP
VBN
VDD
INT/SS
SDA/MISO
SCL/SCLK
ZSC31014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com