Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSC31014 Datasheet HTML 17Page - Renesas Technology Corp ZSC31014 Datasheet HTML 18Page - Renesas Technology Corp ZSC31014 Datasheet HTML 19Page - Renesas Technology Corp ZSC31014 Datasheet HTML 20Page - Renesas Technology Corp ZSC31014 Datasheet HTML 21Page - Renesas Technology Corp ZSC31014 Datasheet HTML 22Page - Renesas Technology Corp ZSC31014 Datasheet HTML 23Page - Renesas Technology Corp ZSC31014 Datasheet HTML 24Page - Renesas Technology Corp ZSC31014 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 20, 2016
I
2C™ is the protocol used during calibration (Command Mode). The ZSC31014 I2C™ slave address (00
HEX to
7FHEX) is selected by bits [9:3] of EEPROM word 02HEX. If the communication lock pattern Comm_lock (bits [5:3],
EEPROM word 02HEX) is programmed to 011, the device will respond only to this address. Otherwise, the device
will respond to all I
2C™ addresses. The factory setting for I2C™ slave address is 28
HEX with Comm_lock set.
When programmed as an I
2C™ device, the INT/SS pin operates as an interrupt. The INT pin rises when new
output data is ready and falls when the next I
2C™ communication occurs. It is most useful if the part is configured
in Sleep Mode to indicate to the system that a new conversion is ready.
See Figure 2.4 for the I
2C™ timing diagram and Table 2.7 for definitions of the parameters shown in the timing
diagram.
Table 2.7
I
2C™ Parameters
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCL clock frequency
fSCL
100
400
kHz
Start condition hold time relative to SCL edge
tHDSTA
0.1
µs
Minimum SCL clock low width
1)
tLOW
0.6
µs
Minimum SCL clock high width
1)
tHIGH
0.6
µs
Start condition setup time relative to SCL edge
tSUSTA
0.1
µs
Data hold time on SDA relative to SCL edge
tHDDAT
0
µs
Data setup time on SDA relative to SCL edge
tSUDAT
0.1
µs
Stop condition setup time on SCL
tSUSTO
0.1
µs
Bus free time between stop condition and start condition
tBUS
2
µs
1)
Combined low and high widths must equal or exceed minimum SCLK period.
Figure 2.4
I
2C™ Timing Diagram
(See section 3.1 for data transmission details.)
SDA
SCL
tHDSTA
tHDDAT
tLOW
tSUDAT
tHIGH
tSUSTA
tHDSTA
tSUSTO
tBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com