Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSC31014
Description  RBicilite??Digital Output Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31014 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSC31014 Datasheet HTML 19Page - Renesas Technology Corp ZSC31014 Datasheet HTML 20Page - Renesas Technology Corp ZSC31014 Datasheet HTML 21Page - Renesas Technology Corp ZSC31014 Datasheet HTML 22Page - Renesas Technology Corp ZSC31014 Datasheet HTML 23Page - Renesas Technology Corp ZSC31014 Datasheet HTML 24Page - Renesas Technology Corp ZSC31014 Datasheet HTML 25Page - Renesas Technology Corp ZSC31014 Datasheet HTML 26Page - Renesas Technology Corp ZSC31014 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 20, 2016
Figure 2.5
SPI Bus Data Output Timing
(See section 3.1 for data transmission details.)
2.3.6. Clock Generator / Power-On Reset (CLKPOR)
The ZSC31014 has an internal 4MHz temperature-compensated oscillator that provides the time base for all
operations. This oscillator feeds into a 4:1 post scalar that can optionally form the clock source for the device.
Using ClkSpeed (bit 3 of EEPROM word 01HEX; see section 3.6) the user can select a 4MHz clock or a 1MHz
digital core clock for the ZSC31014. If the fast response times and sampling periods provided by the 4MHz clock
are not needed, then choosing the 1MHz clock will result in better noise performance.
If the power supply exceeds the power-on reset level (see Table 1.3), the reset signal de-asserts and the clock
generator starts working at the selected frequency (approximately 1MHz or 4MHz). The exact value only
influences the conversion cycle time. To minimize the oscillator error as the VDD voltage changes, an on-chip
regulator supplies the oscillator block.
2.4. Diagnostic Features
The ZSC31014 offers a full suite of diagnostic features to ensure robust system operation in the most “mission-
critical” applications. The diagnostic states are indicated by a transmission of the status of the 2 MSBs of the
bridge high byte data.
tBUS
tLOW
SCLK
MISO
SS
HiZ
tHDSS
tHIGH
tCLKD
tSUSS
HiZ
tCLKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com