Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3154 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 22, 2016
2.3
System Control
2.3.1
Main System Tasks
The calibration microcontroller (CMC) is the central system control unit and supports the following tasks and
features:
• Manage the startup sequence
• Control the measurement cycle regarding to the EEPROM-stored configuration data
• Process the signal conditioning calculation (16-bit calculation for the measured signals using the
ROM-resident signal conditioning formulas and the EEPROM-stored conditioning coefficients)
• Assign the conditioned output values to the analog outputs and control the output behavior
• Process the communication requests received via the digital interfaces
• Perform failsafe tasks and indicate detected errors by setting analog outputs to the diagnostic fault band
2.3.2
General Working Modes
The ZSSC3154 supports three different working modes:
• Normal Operation Mode (NOM) – for continuous processing of the signal conditioning
• Command Mode (CM) – for configuration and calibration and for access to all internal registers
• Diagnostic Mode (DM) – for failure messages
2.4 Normal Operation Mode
A configured and calibrated ZSSC3154 starts the Normal Operation Mode (NOM) immediately after power-on if
there is no communication request within a startup window (refer to the ZSSC3154 Functional Description for
details). It consists of a startup phase, the measurement cycle, the conditioning calculation, and the analog output
for the sensor signals.
2.4.1
Startup Phase
After power-on, the startup phase is processed, which includes
• Settling of the internal supply voltages including the reset of the circuitry
• System start and configuration, EEPROM readout, and signature check
• ROM check, if enabled
• Processing the measurement cycle start routine including all measurements to provide the configured
output signals
• One-wire communication window
If an error is detected during the startup phase, the Diagnostic Mode (DM) is activated and the analog output at
the AOUT1 and AOUT2 pins remains in the diagnostic fault band range.
After the startup phase, the continuously running measurement and sensor signal conditioning cycle is started,
and the analog or digital output of the conditioned sensor signals is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com