Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3154 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Automotive Sensor Signal
Conditioner with Dual Analog Output
ZSSC3154
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 22, 2016
ZSSC3154 Block Diagram
Analog Front-End AFE
Digital Core
Interfaces
External
Temperature
Sensor 1
Sensor
Bridge
Temperature
Sensor Select
Gain
Factor
Offset
Shift
ADC
Mode
Conditioning Coefficients
Conditioning Calculation
Conditioning Formula
I
2C™*
AOUT1
Internal
Temperature
Sensor
MUX
PGA
ADC
EEPROM
CMC
ROM
I
2C™*
DAC
ZACwire™
BAMP
BAMP
AOUT2
OWI
(Digital
Data IO)
External
Temperature
Sensor 2
Diagnostic Fault
Band Mode
RAM
* I
2C™ is a trademark of NXP.
Ordering Information
Product Sales Code
Description
Package
ZSSC3154BA1B
ZSSC3154 Die – Temperature Range -40 to 125°C
Wafer
ZSSC3154BA1C
ZSSC3154 Die – Temperature Range -40 to 125°C
Sawn on frame
ZSSC3154BA3R
ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 125 °C
Reel
ZSSC3154BE3R
ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 150 °C
Reel
ZSSC3154KIT
ZSSC3154 SSC Evaluation Kit: Communication Board, SSC Board, Sensor
Replacement Board, 5 QFN32 samples (software can be downloaded from the
product page www.IDT.com/ZSSC3154)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com