Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3154 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 26Page - Renesas Technology Corp ZSSC3154 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ZSSC3154 Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 22, 2016
5
Pin Configuration and Package
The ZSSC3154 is available in a QFN32 (5mm x 5mm) green package.
Table 5.1
Pin Configuration
Pin No
Die
Pin No
QFN32 5x5
Pin Name
Description
Notes
1
1
VDDA
Positive Analog Supply Voltage
Internal analog power supply
2
2
VSSA
Negative Analog Supply Voltage
Internal analog ground
3
3
SDA
I²C™ Clock
Analog input, internal pull-up
4
4
SCL
I²C™ Data I/O
Analog I/O, internal pull-up
6
5
VDD
Positive Digital Supply Voltage
Internal digital power supply
7
10
VDDE
Positive External Supply Voltage
Power supply, protected up to 7.7V
8
12
AOUT2
Analog Output 2
Analog I/O, protected up to 7.7V
9
14
VSSE
External Ground
Ground
10
16
AOUT1
Analog Output 1
Analog I/O, protected up to 7.7V
11
21
DFBH
Diagnostic Fault Band Mode Select
Analog Input, internal pull-up
12
22
VTN2
External Temperature Sensor 2
Analog I/O
13
23
VBN
Negative Bridge Sensor Input
Analog input
14
24
VBR_B
Negative Bridge Supply Voltage (Bottom)
Analog I/O
15
25
VBP
Positive Bridge Sensor Input
Analog input
16
26
VBR_T
Positive Bridge Supply Voltage (Top)
Analog I/O
17
27
VTN1
External Temperature Sensor 1
Analog I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com