Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3218 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3218 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3218 Datasheet HTML 35Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 36Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 37Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 38Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 39Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 40Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 41Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 42Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
39
April 20, 2016
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
5:3
000BIN
Gain_stage2
Gain setting for the 2
nd PREAMP stage with
Gain_stage2
 Gainamp2:
000
 1.1
001
 1.2
010
 1.3
011
 1.4
100
 1.5
101
 1.6
110
 1.7
111
 1.8
6
0BIN
Gain_polarity
Set up the polarity of the sensor bridge’s gain
(inverting of the chopper) with
0
 positive (no polarity change)
1
 negative (180° polarity change)
10:7
0000BIN
Adc_bits
Absolute number of bits for the ADC conversion
ADC_bits:
0000
 12-bit
0001
 13-bit
0010
 14-bit
0011
 15-bit
0100
 16-bit
0101
 17-bit
0110
 18-bit
0111 to 1111
 not assigned
11
0BIN
AbsV_enable
Enable bit for thermopile input selection (INN
connected to AGND, INP connected to absolute
voltage source) with AbsV_enable:
0
 absolute voltage input disabled (default)
1
 absolute voltage input enabled (e.g. for a
thermopile)
14:12
000BIN
Offset
Differential signal’s offset shift in the ADC;
compensation of signal offset by x% of input signal:
000
 no offset compensation
001
 6.75% offset
010
 12.5% offset
011
 19.25% offset
100
 25% offset
101
 31.75% offset
110
 38.5% offset
111
 43.25% offset
Note: Bit 15 below must be set to 1 to enable the
offset shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com