Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3218 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3218 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3218 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ZSSC3218 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
2.3.2.
Analog-to-Digital Converter
An analog-to-digital converter (ADC) is used to digitize the amplifier signal. To allow optimizing the trade-off
between conversion time and resolution, the resolution can be programmed from 12-bit to 18-bit (Adc_bits,
SM_config register; section 3.6.2). The ADC processes differential input signals.
Table 2.4
ADC Conversion Times for a Single Analog-to-Digital Conversion
Resolution (Bits)
Conversion Time in
µs (typical)
12
140
13
185
14
250
15
335
16
470
17
640
18
890
The ADC can perform an offset shift in order to adapt input signals with offsets to the ADC input range. The shift
feature is enabled by setting SM_config register’s bit [15] = 1 (Shift_method = 1). The respective analog offset
shift can be set up with bits [14:12], Offset in SM_config. The offset shift causes the ADC to perform an additional
amplification of the ADC’s input signal by factor 2. This must be considered for a correct analog sensor setup by
means of the pre-amplifier’s gain, the ADC offset shift, and the potential ADC gain.
The overall analog amplification
������������������������������������=����������������������������1∙�����������������������������2∙����������������������������canbedeterminedforthefollowing
potential use cases:
•
If no offset shift is selected, i.e., Shift_method = 0 and Offset = 000 in SM_config,
������������������������������������=����������������������������1∙����������������������������2∙1
•
If ADC offset shift is selected, i.e., Shift_method = 1 (Offset is arbitrary) in SM_config,
������������������������������������=����������������������������1∙����������������������������2∙2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com