Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3218 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3218
Description  High-End 18-Bit Sensor Signal Conditioner
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3218 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3218 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3218 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
High-End 18-Bit Sensor Signal
Conditioner
ZSSC3218
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Applications
Barometric altitude measurement for
portable navigation or emergency call
systems
Altitude measurement for car navigation
Weather forecast
Fan control
Industrial, pneumatic, and liquid pressure
High-resolution temperature measurements
Object-temperature radiation (via thermopile)
ZSSC3218
Block Diagram
Sales Code
Description
Package
ZSSC3218BI1B
Die—temperature range: –40°C to +85 °C; thickness 304µm
Unsawn wafer
ZSSC3218BI2B
Die—temperature range: –40°C to +85 °C; thickness 725µm
(w/o backlapping)
Unsawn wafer
ZSSC3218BI3R ES
PQFN24—temperature range: –40°C to +85 °C; engineering
samples
Packaged die
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
18 Bit
VDDB
ZSSC3218
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com