Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181ILT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSZ181ILT
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181ILT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSZ181ILT Datasheet HTML 3Page - STMicroelectronics TSZ181ILT Datasheet HTML 4Page - STMicroelectronics TSZ181ILT Datasheet HTML 5Page - STMicroelectronics TSZ181ILT Datasheet HTML 6Page - STMicroelectronics TSZ181ILT Datasheet HTML 7Page - STMicroelectronics TSZ181ILT Datasheet HTML 8Page - STMicroelectronics TSZ181ILT Datasheet HTML 9Page - STMicroelectronics TSZ181ILT Datasheet HTML 10Page - STMicroelectronics TSZ181ILT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
CMR1
Common mode rejection ratio, 20 log (ΔVicm/
ΔVio), Vout = VCC/2, RL > 1 MΩ
Vic = 0 V to VCC ,
T = 25 °C
108
126
dB
Vic = 0 V to VCC
-40 °C < T< 125 °C
108
CMR2
Common mode rejection ratio, 20 log (ΔVicm/
ΔVio), Vout = VCC/2, RL > 1 MΩ
Vic = 0 V to VCC - 1.8 V,
T = 25 °C
112
136
Vic = 0 V to VCC - 2 V,
-40 °C < T< 125 °C
112
SVR1
Supply voltage rejection ratio, 20 log (ΔVCC/
ΔVio), VCC = 2.2 to 5.5 V, Vic = 0 V, RL > 1 MΩ
T = 25 °C
105
123
-40 °C < T< 125 °C
104
Avd
Large signal voltage gain, Vout = 0.5 V to
(Vcc - 0.5 V)
T = 25 °C
120
144
-40 °C < T< 125 °C
110
EMIRR
(3)
EMI rejection ratio, EMIRR = -20 log (VRFpeak/
ΔVio)
VRF = 100 mVp, f = 400 MHz
52
VRF = 100 mVp, f = 900 MHz
52
VRF = 100 mVp, f = 1800 MHz
72
VRF = 100 mVp,f = 2400 MHz
85
VOH
High-level output voltage, VOH = Vcc - Vout
T = 25 °C
18
40
mV
-40 °C < T< 125 °C
70
VOL
Low-level output voltage
T = 25 °C
13
30
-40 °C < T< 125 °C
70
Iout
Isink (Vout = VCC)
T = 25 °C
20
29
mA
-40 °C < T< 125 °C
15
Isource (Vout = 0 V)
T = 25 °C
15
25
-40 °C < T< 125 °C
10
ICC
Supply current (per channel, Vout = VCC/2,
RL > 1 MΩ)
T = 25 °C
0.8
1
-40 °C < T< 125 °C
1.2
AC performance
GBP
Gain bandwidth product
T = 25 °C, RL = 10 kΩ,
CL = 100 pF
2
3
MHz
-40 °C < T< 125 °C, RL = 10 kΩ,
CL = 100 pF
1.6
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF
56
degrees
Gm
Gain margin
15
dB
SR
Slew rate (4)
T = 25 °C
2.9
4.7
V/µs
-40 °C < T< 125 °C
2.4
ts
Settling time
To 0.1 %, Vin = 1.5 Vpp
600
ns
To 0.01 %, Vin = 1 Vpp
4
µs
en
Equivalent input noise voltage
f = 1 kHz
37
nV/√Hz
f = 10 kHz
37
en-pp
Voltage noise
f = 0.1 to 10 Hz
0.4
µVpp
TSZ181, TSZ182
Electrical characteristics
DS11863 - Rev 5
page 7/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com