Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ181ILT
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ181ILT Datasheet HTML 1Page - STMicroelectronics TSZ181ILT Datasheet HTML 2Page - STMicroelectronics TSZ181ILT Datasheet HTML 3Page - STMicroelectronics TSZ181ILT Datasheet HTML 4Page - STMicroelectronics TSZ181ILT Datasheet HTML 5Page - STMicroelectronics TSZ181ILT Datasheet HTML 6Page - STMicroelectronics TSZ181ILT Datasheet HTML 7Page - STMicroelectronics TSZ181ILT Datasheet HTML 8Page - STMicroelectronics TSZ181ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DFN6 1.2x1.3
(TSZ181)
SOT23-5
(TSZ181)
DFN8 2x2
(TSZ182)
MiniSO8
(TSZ182)
SO8
(TSZ182)
Features
Very high accuracy and stability: offset voltage 25 µV max. at 25 °C, 35 µV over
full temperature range (-40 °C to 125 °C)
Rail-to-rail input and output
Low supply voltage: 2.2 - 5.5 V
Low power consumption: 1 mA max. at 5 V
Gain bandwidth product: 3 MHz
Automotive qualification
Extended temperature range: -40 to 125 °C
Micropackages: DFN8 2x2, SO8 and MiniSO8
Benefits:
Higher accuracy without calibration
Accuracy virtually unaffected by temperature change
Applications
High accuracy signal conditioning
Automotive current measurement and sensor signal conditioning
Medical instrumentation
Description
The TSZ181, TSZ182 are single and dual operational amplifiers featuring very low
offset voltages with virtually zero drift versus temperature changes.
The TSZ181, TSZ182 offer rail-to-rail input and output, excellent speed/power
consumption ratio, and 3 MHz gain bandwidth product, while consuming just 1 mA at
5 V. The device also features an ultra-low input bias current.
These features make the TSZ18x ideal for high-accuracy high-bandwidth sensor
interfaces.
Maturity status link
TSZ181
TSZ182
Related products
TSZ121
For zero drift
amplifiers with more
power savings
(400 kHz for 40 μA)
TSZ122
TSZ124
TSV711
For continuous-time
precision amplifiers
TSV731
Very high accuracy (25 µV) high bandwidth (3 MHz) zero drift 5 V operational
amplifiers
TSZ181, TSZ182
Datasheet
DS11863 - Rev 5 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSZ181ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSZ181HYLT STMICROELECTRONICS-TSZ181HYLT Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results

Similar Description - TSZ181ILT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com