Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181ILT Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSZ181ILT
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181ILT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSZ181ILT Datasheet HTML 25Page - STMicroelectronics TSZ181ILT Datasheet HTML 26Page - STMicroelectronics TSZ181ILT Datasheet HTML 27Page - STMicroelectronics TSZ181ILT Datasheet HTML 28Page - STMicroelectronics TSZ181ILT Datasheet HTML 29Page - STMicroelectronics TSZ181ILT Datasheet HTML 30Page - STMicroelectronics TSZ181ILT Datasheet HTML 31Page - STMicroelectronics TSZ181ILT Datasheet HTML 32Page - STMicroelectronics TSZ181ILT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
6.1
DFN6 1.2 x 1.3 package information
Figure 65. DFN6 1.2 x 1.3 package outline
PLANE
SEATING
0.05 C
8
C
PIN 1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D
E
e
b
A1
A
PIN#1 ID
L
L3
TSZ181, TSZ182
DFN6 1.2 x 1.3 package information
DS11863 - Rev 5
page 29/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com