Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792IST Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV792IST
Description  High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792IST Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV792IST Datasheet HTML 2Page - STMicroelectronics TSV792IST Datasheet HTML 3Page - STMicroelectronics TSV792IST Datasheet HTML 4Page - STMicroelectronics TSV792IST Datasheet HTML 5Page - STMicroelectronics TSV792IST Datasheet HTML 6Page - STMicroelectronics TSV792IST Datasheet HTML 7Page - STMicroelectronics TSV792IST Datasheet HTML 8Page - STMicroelectronics TSV792IST Datasheet HTML 9Page - STMicroelectronics TSV792IST Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IOUT
ISINK
OUT connected to VCC+,
-40 °C ≤ T ≤ 125 °C
mA
35
ISOURCE
OUT connected to VCC-, T = 25°C
50
60
OUT connected to VCC-,
-40 °C ≤ T ≤ 125 °C
40
ICC
Supply current (by operational amplifier)
T = 25 °C
5.5
6
mA
-40 °C ≤ T ≤ 125 °C
6
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 22 pF
35
50
MHz
SR
Slew rate
RL = 10 kΩ, CL = 22 pF, AV = 1 V/V,
10 % to 90 %
30
V/µs
CR
Cross talk
VOUT = 4 Vpp, RL = 10 kΩ,
AV = +101, f = 1 kHz
126
dB
Φm
Phase margin
RL = 10 kΩ
53
degrees
en
Input voltage noise density
f = 10 Hz
140
nV/√Hz
f = 100 Hz
43
f = 10 kHz
6.5
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
9
µVpp
Cin
Input capacitance
Differential
6.3
pF
Common mode
1.6
1. See Section 5.2 Input offset voltage drift overtemperature.
2. See Section 5.3 Long term input offset voltage drift.
3. Guaranteed by characterization.
TSV791, TSV792
Electrical characteristics
DS13480 - Rev 1
page 6/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com