Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792IST Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV792IST
Description  High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792IST Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV792IST Datasheet HTML 5Page - STMicroelectronics TSV792IST Datasheet HTML 6Page - STMicroelectronics TSV792IST Datasheet HTML 7Page - STMicroelectronics TSV792IST Datasheet HTML 8Page - STMicroelectronics TSV792IST Datasheet HTML 9Page - STMicroelectronics TSV792IST Datasheet HTML 10Page - STMicroelectronics TSV792IST Datasheet HTML 11Page - STMicroelectronics TSV792IST Datasheet HTML 12Page - STMicroelectronics TSV792IST Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Table 7. Electrical characteristics at VCC = 2.2 V, VICM = VOUT = VCC / 2, T = 25 °C, RL = 10 kΩ connected to VCC / 2 and
CL = 22 pF (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
± 50
± 200
µV
-40 °C ≤ T ≤ 125 °C
± 700
∆Vio/∆T (1)
Input offset voltage temperature drift
-40 °C ≤ T ≤ 125 °C
± 5
µV/°C
Iib (2)
Input bias current
T = 25 °C
1
pA
-40 °C ≤ T ≤ 125 °C
45
Iio (2)
Input offset current
T = 25 °C
1
pA
-40 °C ≤ T ≤ 125 °C
13
AVD
Open loop gain
VCC- + 200 mV ≤ VOUT ≤ VCC+ - 200 mV,
T = 25 °C
95
120
dB
VCC- + 200 mV ≤ VOUT ≤ VCC+ - 200 mV,
-40 °C ≤ T ≤ 125 °C
85
107
RL = 600 Ω,
VCC- + 300 mV ≤ VOUT ≤ VCC+ - 300 mV,
T = 25 °C
90
119
RL = 600 Ω,
VCC- + 300 mV ≤ VOUT ≤ VCC+ - 300 mV
-40 °C ≤ T ≤ 125 °C
80
99
CMR
Common-mode rejection ratio 20.log
(∆Vio/∆Vicm)
VCC- ≤ Vicm ≤ VCC+ - 2 V, T = 25 °C
73
94
dB
VCC- ≤ Vicm ≤ VCC+ - 2 V,
-40 °C ≤ T ≤ 125 °C
67
85
VOH
High level output voltage drop
(VOH = VCC+ - VOUT)
T = 25 °C
25
mV
-40 °C ≤ T ≤ 125 °C
40
VOL
Low level output voltage drop
(VOL = VOUT)
T = 25 °C
15
mV
-40 °C ≤ T ≤ 125 °C
30
IOUT
ISINK
OUT connected to VCC+, T = 25 °C
55
62
mA
OUT connected to VCC+,
-40 °C ≤ T ≤ 125 °C
35
ISOURCE
OUT connected to VCC-, T = 25 °C
50
62
OUT connected to VCC-,
-40 °C ≤ T ≤ 125 °C
35
ICC
Supply current (by operational amplifier)
VICM = 0 V, T = 25 °C
5
5.5
mA
VICM = 0 V, -40 °C ≤ T ≤ 125 °C
5.5
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ
35
50
MHz
SR
Slew rate
RL = 10 kΩ, AV = 1 V/V, 10 % to 90 %
30
V/µs
CR
Cross talk
VOUT = 4 Vpp, RL = 10 kΩ, AV = +101,
f = 1 kHz
126
dB
TSV791, TSV792
Electrical characteristics
DS13480 - Rev 1
page 9/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com