Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792IST Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV792IST
Description  High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792IST Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV792IST Datasheet HTML 7Page - STMicroelectronics TSV792IST Datasheet HTML 8Page - STMicroelectronics TSV792IST Datasheet HTML 9Page - STMicroelectronics TSV792IST Datasheet HTML 10Page - STMicroelectronics TSV792IST Datasheet HTML 11Page - STMicroelectronics TSV792IST Datasheet HTML 12Page - STMicroelectronics TSV792IST Datasheet HTML 13Page - STMicroelectronics TSV792IST Datasheet HTML 14Page - STMicroelectronics TSV792IST Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
4
Typical performance characteristics
RL = 10 kΩ connected to VCC / 2 and CL = 22 pF, unless otherwise specified.
Figure 3. Supply current vs. supply voltage
Figure 4. Input offset voltage distribution at
VCC = 5 V
Figure 5. Input offset voltage distribution at
VCC = 2.2 V
Figure 6. Input offset voltage vs. temperature at
VCC = 5 V
TSV791, TSV792
Typical performance characteristics
DS13480 - Rev 1
page 11/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com