Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71IPA Datasheet(PDF) 1 Page - 3M Electronics

Part # 71IPA
Description  3M™ Novec™ 71IPA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

71IPA Datasheet(HTML) 1 Page - 3M Electronics

  71IPA Datasheet HTML 1Page - 3M Electronics 71IPA Datasheet HTML 2Page - 3M Electronics 71IPA Datasheet HTML 3Page - 3M Electronics 71IPA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Introduction
3M™ Novec™ 71IPA Engineered Fluid is a hydrofluoroether, methoxy-nonafluorobutane (C4F9OCH3), in an
azeotrope-like formulation with isopropanol.
This fluid is ideal for light-duty cleaning and degreasing tasks, and is intended to replace ozone-depleting
materials such as CFC-113, HCFC-14lb and 1,1,1-trichloroethane in many applications. It has zero ozone
depletion potential and other favorable environmental properties (see Table 2). Novec 71IPA fluid has a low
toxicological profile, with a time-weighted average exposure guideline of 750 ppm for the 3M™ Novec™ 7100
Engineered Fluid component (eight hour average).
The increased polar soil solvency and low surface tension, nonflammability and constant composition
during boiling of Novec 71IPA fluid make it ideal for precision and specialty cleaning and rinsing for
removal of particulate, fingerprints and light soils from metal, plastic and glass parts.
Applications
• Precision cleaning, rinsing and drying agent
- Light-duty cleaning of oils, greases, waxes, fingerprints
• Use in combination with co-solvents for “no-clean flux” residue removal.
3M™ Novec™ 71IPA Engineered Fluid
Product Information
Material Description
Ingredients
3M™Novec™ 71IPA Engineered Fluid
Methyl Nonafluorobutyl Ether (C4F9OCH3)
95.5% by weight
Isopropanol
4.5% by weight
Appearance
Clear, colorless
1
Novec 7100 fluid (C4F9OCH3) consists of two inseparable isomers with essentially identical properties. These are (CF3)2CFCF2OCH3 (CAS No. 163702-08-7) and
CF3CF2CF2CF2OCH3 (CAS No. 163702-07-6).
All values determined
at 25°C unless
otherwise specified
Not for specification
purposes
Typical Physical Properties
Table 1
Properties
3M™ Novec™ 7100
Engineered Fluid
3M™Novec™ 71IPA
Engineered Fluid
CFC-113
HCFC-141b
1,1,1-TCA
Formulation
C4F9OCH3
Azeotrope1
C2Cl3F3
CCl2FCH3
C3Cl2HF5
Boiling Point (°C)
61
54.8
48
32
74
Freeze Point (°C)
-135
-422
-35
-103
-39
Liquid Density (g/ml)
1.52
1.48
1.56
1.23
1.32
Surface Tension (dynes/cm)
13.6
14.5
17.3
19.3
25.1
Vapor Pressure (mmHg)
202
207
331
569
128
Heat of Vaporization
(cal/g @ boiling point)
30
39.5
35
53.3
58
1
95% 3M™ Novec™ 7100 (C4F9OCH3), 5% IPA
2
Critical Solution Temperature


Similar Description - 71IPA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
3M™ Novec™ 7700 Engineered Fluid
7500 3M-7500 Datasheet
305Kb / 8P
3M™ Novec™ 7500 Engineered Fluid
7300 3M-7300 Datasheet
166Kb / 4P
3M™ Novec™ 7300 Engineered Fluid
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
649 3M-649 Datasheet
322Kb / 4P
3M??Novec??649 Engineered Fluid
73DE 3M-73DE Datasheet
467Kb / 4P
3M™ Novec™ 73DE Engineered Fluid
May-2016
72FL 3M-72FL Datasheet
133Kb / 2P
3M™ Novec™ 72FL Engineered Fluid
72DE 3M-72DE Datasheet
157Kb / 4P
3M™ Novec™ 72DE Engineered Fluid
72DA 3M-72DA Datasheet
156Kb / 4P
3M™ Novec™ 72DA Engineered Fluid
71DE 3M-71DE Datasheet
82Kb / 4P
3M™ Novec™ 71DE Engineered Fluid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com