Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71IPA Datasheet(PDF) 2 Page - 3M Electronics

Part # 71IPA
Description  3M™ Novec™ 71IPA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

71IPA Datasheet(HTML) 2 Page - 3M Electronics

  71IPA Datasheet HTML 1Page - 3M Electronics 71IPA Datasheet HTML 2Page - 3M Electronics 71IPA Datasheet HTML 3Page - 3M Electronics 71IPA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental and Safety Properties
Table 2
Properties
3M™ Novec™ 7100
Engineered Fluid
3M™Novec™ 71IPA
Engineered Fluid
CFC-113
HCFC-141b
1,1,1-TCA
Ozone Depletion Potential–ODP1
0.0
0.0
0.80
0.10
0.1
Global Warming Potential2
320
310
6000
700
140
Flash Point
None
None
None
None
None
Atmospheric Lifetime, Years
4.1
4.1
85
9.2
4.8
Exposure Guidelines, ppm
(8 hr. time-weighted average)
750
750/400*
1000
400
350
Flammability Range in Air
None
4.0 - 16.7%
None
7.6 - 17.7%
6 - 15%
1
CFC-11=1.0
2
GWP–100 year ITH, CO2 = 1.0
*Isopropyl alcohol (IPA) has an 8 hr. TWA exposure guidelines of 400 ppm
2
3M™ Novec™ 71IPA Engineered Fluid
Data compiled
from published
information.
Not for specification
purposes. All values
@ 25°C unless
otherwise specified.
Materials Compatibility
Testing of 3M™ Novec™ 71IPA Engineered Fluid demonstrates compatibility with a wide range of metals,
plastics and elastomers, similar to the performance of perfluorinated liquids. Good compatibility with
particularly sensitive plastics such as polycarbonate and PMMA indicates utility in cleaning of assemblies
containing many composite materials. As with most fluorinated liquids, Novec 71IPA fluid will absorb into
fluorinated plastics and elastomers over longer exposures.
Metals
Plastics
Elastomers
Aluminum
Acrylic (PMMA)
Butyl Rubber*
Copper
Polyethylene
Natural Rubber
Carbon Steel
Polypropylene
Nitrile Rubber
302 Stainless Steel
Polycarbonate
EPDM
Brass
Polyester
Molybdenum
Epoxy
Tantalum
PET
Tungsten
Phenolic
Cu/Be Alloy C172
ABS
Mg Alloy AZ32B
Compatible after one hour exposure at boiling temperature.
Exceptions: Some swelling of PTFE and Silicone Rubber. Some surface oxidation of copper during heat aging.
*Butyl Rubber best for extended exposure >1 month.
More 3M™ Novec™ Engineered Fluids
Properties
3M™ Novec™ 7100
Engineered Fluid
3M™ Novec™ 7200
Engineered Fluid
3M™ Novec™ 71DE
Engineered Fluid
3M™ Novec™ 71DA
Engineered Fluid
Formulation
Methoxynonafluoro-butane
Ethoxynonafluoro-butane
Novec 7100 with Trans-1,
2-dichloroethylene
(Azeotrope)
Novec 7100 with Trans-1,
2-dichloroethylene
and Ethanol (Azeotrope)
Boiling Point (°C)
61
76
128
40
Typical
Applications
Light cleaning, formulations,
process solvent
cold cleaner, movie film
cleaning, process solvent
medium weight oil cleaning,
liquid oxygen cleaning
flux removal,
vapor degreasing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com