Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71IPA Datasheet(PDF) 3 Page - 3M Electronics

Part # 71IPA
Description  3M™ Novec™ 71IPA Engineered Fluid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

71IPA Datasheet(HTML) 3 Page - 3M Electronics

  71IPA Datasheet HTML 1Page - 3M Electronics 71IPA Datasheet HTML 2Page - 3M Electronics 71IPA Datasheet HTML 3Page - 3M Electronics 71IPA Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Regulations on Chlorine-Containing Solvents
3
Table 3
Regulation
Trans-1,2-
dichloroethylene
Trichloroethylene Perchloroethylene Methylene
Chloride
VOC Designation
Yes
Yes
Yes
No
Reportable Quantity for Accidental Release 1000lbs. (2240 lbs. in Novec 71IPA)
100 lbs.
100 lbs.
1000 lbs.
Regulated if Emitted into Water
Yes
Yes
Yes
Yes
Hazardous Air Pollutant
No
Yes
Yes
Yes
Annual Reporting (EPCRA 313) (SARA)
No
Yes
Yes
Yes
OSHA List of toxins/carcinogens
No
Yes
Yes
Yes
Environmental Policy
3M will continue to recognize and exercise its responsibility to prevent pollution at the source wherever and
whenever possible; develop products that will have a minimal effect on the environment; conserve natural
resources through the use of reclamation and other appropriate methods; assure that its facilities and products
meet and sustain the regulations of all federal, state and local environmental agencies; assist, wherever possible,
governmental agencies and other official organizations engaged in environmental activities.
Safety and Handling
Before using this product, please read the current product Material Data Safety Sheet (available through your
3M sales or technical service representative) and the precautionary statement on the product package. Follow all
applicable precautions and directions.
Novec 71IPA fluid is characterized as having no closed cup flash point, or open cup flash point and no sustained
burning per ASTM D4206-86 (<1 second) and is safe to use under normal operating conditions. The product
has flame limits of 4.0% to 16.7% (by volume), similar to materials such as HCFC-141b and 1,1,1-TCA which
have been used safely in this application for many years.
This fluid is highly resistant to thermal breakdown and hydrolysis in storage and during use. A flammable
mixture can form during co-solvent boil down in a vapor degreaser. Products of thermal decomposition may
cause irritation. Recovery of Novec 71IPA fluid from a co-solvent cleaning process by boil down should only
be conducted in equipment designed and approved for handling flammable mixtures. Use of a desiccant is
recommended in the water separator. Detailed handling procedures are provided in the Material Safety Data
Sheet. Consult your 3M representative for additional information on the proper recovery and disposal of Novec
71IPA fluid.
Data compiled
from published
information.
Not for specification
purposes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com