Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9505 Datasheet(PDF) 4 Page - 3M Electronics

Part # 9505
Description  3M™ Adhesive Transfer Tape 9505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9505 Datasheet(HTML) 4 Page - 3M Electronics

  9505 Datasheet HTML 1Page - 3M Electronics 9505 Datasheet HTML 2Page - 3M Electronics 9505 Datasheet HTML 3Page - 3M Electronics 9505 Datasheet HTML 4Page - 3M Electronics 9505 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Adhesive Transfer Tape 9505
Family Group
ISO Statement
Bottom Matter Images
Recognition/Certi cation
9502
9505
9552
9555
Liner Color
Attribute Modi er:
Primary
Tan
Tan
Tan
Tan
Adhesive Thickness (mm)
0.06
0.12
0.06
0.12
Liner
58# Polycoated Kraft Paper
(PCK)
58# Polycoated Kraft Paper
(PCK)
Liner Thickness (mm)
0.11
0.11
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
[Image 4]
[Image 5]
TSCA: This product is de ned as an article under the Toxic Substances Control Act and therefore, it is exempt from inventory listing requirements
MSDS: 3M has not prepared a MSDS for this product which is not subjected to the MSDS requirements of the Occupational Safety and Health Administration’s Hazard
Communication Standard, 29 C.F.R.1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions for use, this product should
not present a health and safety hazard. However, use or processing of the product in a manner not in accordance with the directions for use may a ect its performance
and present potential health and safety hazards.
UL: These products have been recognized by Underwriters Laboratories, Inc. under UL 969. For more information on the UL Certi cation, please visit the website at
http://www.3M.com/converter, select UL Recognized Materials, then select the speci c product area.
Military: Meets Mil-P-19834
Note: One of 3M's core values is to respect our social and physical environment. 3M is committed to comply with ever-changing, global, regulatory and consumer
environmental, health, and safety (EHS) requirements. As a service to our customers, 3M is providing information on the regulatory status of many 3M products.
Further regulation information including that for OSHA, USCPSI, FDA, California Proposition 65, READY and RoHS, can be found at 3M.com/regs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com