Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9505 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9505
Description  3M??Adhesive Transfer Tape 9505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9505 Datasheet(HTML) 2 Page - 3M Electronics

  9505 Datasheet HTML 1Page - 3M Electronics 9505 Datasheet HTML 2Page - 3M Electronics 9505 Datasheet HTML 3Page - 3M Electronics 9505 Datasheet HTML 4Page - 3M Electronics 9505 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Adhesive Transfer Tape 9505
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Adhesive Thickness
0.12 mm
4.9 mil
Liner
58# Polycoated Kraft Paper (PCK)
Liner Color
Tan
Primary
Liner Thickness
0.11 mm
4.2 mil
Typical Performance Characteristics
90° Peel
Adhesion
Dwell/Cure Time
Dwell Time Units
Substrate
Notes
5.8 N/cm
15
min
Stainless Steel
53 oz/in
15
min
Stainless Steel
12 in/min (300 mm/min)
11 N/cm
98 oz/in
72
hr
Stainless Steel
12 in/min (300 mm/min)
7.1 N/cm
65 oz/in
72
hr
ABS
12 in/min (300 mm/min)
9.7 N/cm
89 oz/in
72
hr
Glass
12 in/min (300 mm/min)
7.1 N/cm
63 oz/in
72
hr
Polycarbonate (PC)
12 in/min (300 mm/min)
Property: 90° Peel Adhesion
Method: ASTM D3330
Temp C: 22C
Temp F: 72F
Environmental Condition: 52%RH
Backing: 2 mil Aluminum Foil
Property
Values
Test Condition
Notes
Static Shear
5000 min
2000g @ Room Temperature
1in x 1in
Static Shear
4000 min
10000 @ 70°C (158°F)
1in x 1in
Available Sizes
Property
Values
Notes
Master Width
1.22 m
48 in
More sizes may be available. Please call 800-
223-7427 or talk to your local 3M
representative for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com