Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9505 Datasheet(PDF) 3 Page - 3M Electronics

Part # 9505
Description  3M??Adhesive Transfer Tape 9505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9505 Datasheet(HTML) 3 Page - 3M Electronics

  9505 Datasheet HTML 1Page - 3M Electronics 9505 Datasheet HTML 2Page - 3M Electronics 9505 Datasheet HTML 3Page - 3M Electronics 9505 Datasheet HTML 4Page - 3M Electronics 9505 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Adhesive Transfer Tape 9505
Environmental Resistance
Humidity Resistance – High humidity has a minimal e ect on adhesive performance. Bond strength shows no signi cant reduction after exposure for 7 days at 90°F
(32°C) and 90% relative humidity.
UV Resistance – When properly applied, nameplates and decorative trim parts are not adversely a ected by outdoor exposure.
Water Resistance – Immersion in water has no appreciable e ect on the bond strength. After 100 hours at room temperature, the high bond strength is maintained.
Temperature Cycling Resistance – High bond strength is maintained after cycling four times through:
4 hours at 158°F (70°C)
4 hours at -20°F (-29°C)
4 hours at 73°F (22°C)
Chemical Resistance – When properly applied, nameplate and decorative trim parts will hold securely after exposure to numerous chemicals including oil, mild acids
and alkalis.
Bond Build-up: The bond strength of 3M™ Industrial Acrylic Adhesive 220 increases as a function of time and temperature
Temperature/Heat Resistance: 3M™ Industrial Acrylic Adhesive 220 is usable for short periods (minutes, hours) at temperatures up to350°F (177°C) and for
intermittent longer periods (days, weeks) up
to 250°F (121°C).
Lower Temperature Service Limit: 40°F (-40°C). The glass transition temperature, TG, for 3M™ Industrial Acrylic Adhesive 220 is -31°F (-35°C). Many applications
survive below this temperature. Factors to consider are: the materials being bonded, the dwell at RT before cold exposure and the stresses below the TG (ie.
expansion/contraction stresses, impact). Optimum conditions are: bonding HSE materials, longer time at RT before cold exposure and little or no stress below the glass
transition temperature.
Handling/Application Information
Application Ideas
• Attaching nameplates, appliqués, and decorative trim to metal and high surface energy plastics
• Laminating to sub-surface printed polycarbonate or polyester graphic overlay materials
• Used in the automotive, appliance and electronics industries for cost-e ective, long-term bonding applications
Storage and Shelf Life
It is suggested that products are stored at room temperature conditions of 70°F (21°C) and 50% relative humidity.
If stored properly, product retains its performance and properties for 24 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-
Adhesive-Transfer-Tape-9505?N=5002385+3293240975&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=9505



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com