Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp F0440 Datasheet HTML 14Page - Renesas Technology Corp F0440 Datasheet HTML 15Page - Renesas Technology Corp F0440 Datasheet HTML 16Page - Renesas Technology Corp F0440 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
13
August 13, 2020
Table 9. Electrical Characteristics – Highband Performance
See F0440 Typical Application Circuit. Specifications apply operated as a dual-path RF DVGA unless otherwise noted, VCC = +5V, TC =
+25 °C, FRF = 2700MHz, Max gain setting, output power = 0dBm / tone, ZRFI = ZRFO = 50 Ω, the evaluation board and connector losses are
de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF input return loss
RLIN_HB
20
dB
RF output return loss
RLOut_HB
20
dB
Gain
GMAX_HB
10.6
11.6
12.6
dB
GMIN_HB
Maximum attenuation
-37.0
-35.4
-33.7
GTEMP_HB
Variation over Temperature
0.32
GVAR_HB
Variation over frequency[c]
0.05
DSA0 Absolute Error
GDSA0SE_HB Relative to maximum gain
± 0.2
dB
DSA1 Step Error
GDSA1SE_HB Between adjacent states
± 0.04
dB
DSA1 Absolute Error
GDSA1ABS_HB Relative to maximum gain
± 0.23
dB
DSA2 Step Error
GDSA2SE_HB Between adjacent states
± 0.11
dB
DSA2 Absolute Error
GDSA2ABS_HB Relative to maximum gain
± 0.24
dB
Relative Phase DSA0
GPH_DSA0_HB
4.1
Deg
Phase Deviation DSA1
GPH_DSA1_HB Between adjacent states
1.27
Deg
Relative Phase DSA2
GPH_ DSA2_HB Any State
16
Deg
Noise Figure
NFHB
5.2
dB
NFHB_HOT
Tcase = +105 °C
5.9
NFHB_RG
DSA1 22dB attenuation
28
Output Third Order Intercept Point
OIP3_HB-1
1 MHz tone separation
35.2
38
dBm
OIP3_HB-2
1 MHz tone separation
Pout = -10dBm/tone
34
37
OIP3_HB-6dB 1 MHz tone separation
DSA0 full attenuation
38
OIP3_HB-3
1 MHz tone separation
Worst case over temp range
34
37
OIP3_HB_18dB
Pout = -18dBm / tone
1 MHz tone separation
DSA2 full 18dB attenuation
19
Input 1dB Compression d
IP1dB_HB
Full attenuation
24
dBm
Output 1dB Compression
OP1dB_HB
18.9
dBm
Output 1dB Compression
Degradation
OP1_DEG_HB
OP1dB_DEGHB=
OP1dBHB(DSA2 =0dB atten)
- ATTNHB_DSA2_MAX
- OP1dBHB(DSA2=max atten)
0.3
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com