Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Dual Matched Broadband RF
DVGA 450MHz to 2700MHz
F0440
Datasheet
© 2020 Renesas Electronics Corporation
1
August 13, 2020
Description
This document describes the specifications for the F0440
450MHz to 2700MHz Dual RF Digital Variable Gain Amplifier
designed for use in receivers.
F0440 Dual RF DVGA provides two independent receiver paths
each with 11.6dB typical maximum gain and 4.7dB noise figure in
the low-band configuration designed to operate with a single +5V
supply. For each path Gain control is split into 3 separate
attenuators; DSA0 is a single 6dB step using a single control pin,
DSA1 includes 23dB SPI-controlled gain adjustment in 1dB steps,
and DSA2 includes 18dB attenuation in 6dB steps controlled
using two control pins. F0440 offers +40dBm nominal output IP3
using 245mA total ICC.
This device is packaged in a 6mm x 6mm, 36-pin TQFN with 50
ohm single-ended RF input and RF output impedances for ease
of integration into the signal-path lineup for each of the two paths.
Competitive Advantage
High Reliability
High Linearity
Low DC current
Zero DistortionTM technology
GlitchFreeTM technology
Typical Applications
Multi-mode, Multi-carrier Receivers
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Distributed Antenna Systems
Digital Radio
Table 1. Typical Band Performance Summary
RF Frequency (MHz)
900
2000
2700
Max Gain (dB)
11.6
11.4
11.6
NF @ max gain (dB)
4.7
4.9
5.2
OIP3 @ max gain (dBm)
+40
+41
+38
OP1dB @ max gain (dBm)
+20.2
+19.8
+18.9
DC current (mA)
245
245
245
Power Dissipation (mW)
1225
1225
1225
Features
Dual Path RF amp & DSAs for Diversity / MIMO Receivers
RF: 450MHz to 2700MHz
< 2dB overshoot between DSA transitions
11.6dB typical max gain @ 900MHz
DSA0 is a single 6dB coarse step
DSA1 has 23dB total gain range in 1dB steps
DSA2 has 18dB gain range in 6dB steps
+41dBm OIP3 @ 2000MHz
4.7dB Noise Figure @ 900MHz
+5V Supply Voltage
ICC = 245mA
Independent standby: 7mA standby current
SPI interface for DSA1
1-bit control for DSA0
2-bit control for DSA2
50 Ω input and output impedance
Broadband, Internally Matched
6mm x 6mm, 36-pin TQFN package
Block Diagram
Figure 1. Block Diagram
SPI Data
SPI CLK
SPI CSb
RFIN_A
RFIN_B
RFOUT_A
RFOUT_B
DSA0
DSA2
6mm x 6mm
F0440
STBY
RF AMP
VCTRL0
Decode
Logic / Bias
DSA1
6dB
23dB
18dB
2
VCTRL1
VCTRL2
2
2
2
2


Similar Part No. - F0440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440EVBI RENESAS-F0440EVBI Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440NBGI RENESAS-F0440NBGI Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440NBGI8 RENESAS-F0440NBGI8 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results

Similar Description - F0440

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com