Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 17Page - Renesas Technology Corp F0440 Datasheet HTML 18Page - Renesas Technology Corp F0440 Datasheet HTML 19Page - Renesas Technology Corp F0440 Datasheet HTML 20Page - Renesas Technology Corp F0440 Datasheet HTML 21Page - Renesas Technology Corp F0440 Datasheet HTML 22Page - Renesas Technology Corp F0440 Datasheet HTML 23Page - Renesas Technology Corp F0440 Datasheet HTML 24Page - Renesas Technology Corp F0440 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
21
August 13, 2020
Typical Performance [S22 versus DSA0, OIP3 with Swept Pout]
Figure 37. S22 [DSA0=0, 6dB, DSA1=0dB,
DSA2=0dB]
Figure 38. Output IP3 with Swept Pout
[DSA0 = 0 dB]
Figure 39. Output IP3 with Swept Pout
[DSA0 = 6dB]
Figure 40. Output IP3 with Swept Pout
[DSA2 = 18 dB]
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
DSA0=0dB
DSA0=6dB
32.00
34.00
36.00
38.00
40.00
42.00
44.00
-10
-7.5
-5
-2.5
0
2.5
5
Output Power (dBm/tone)
-40C case/ 0.9GHz
-40C case/ 2.0GHz
-40C case/ 2.7GHz
+25C case/ 0.9GHz
+25C case/ 2.0GHz
+25C case/ 2.7GHz
+105C case/ 0.9GHz
+105C case/ 2.0GHz
+105C case/ 2.7GHz
32.00
34.00
36.00
38.00
40.00
42.00
44.00
-10
-7.5
-5
-2.5
0
2.5
5
Output Power (dBm/tone)
-40C case/ 0.9GHz
-40C case/ 2.0GHz
-40C case/ 2.7GHz
+25C case/ 0.9GHz
+25C case/ 2.0GHz
+25C case/ 2.7GHz
+105C case/ 0.9GHz
+105C case/ 2.0GHz
+105C case/ 2.7GHz
14.00
16.00
18.00
20.00
22.00
24.00
-30
-25
-20
-15
-10
Output Power (dBm/tone)
-40C case/ 0.9GHz
-40C case/ 2.0GHz
-40C case/ 2.7GHz
+25C case/ 0.9GHz
+25C case/ 2.0GHz
+25C case/ 2.7GHz
+105C case/ 0.9GHz
+105C case/ 2.0GHz
+105C case/ 2.7GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com