Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0443 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 9Page - Renesas Technology Corp F0443 Datasheet HTML 10Page - Renesas Technology Corp F0443 Datasheet HTML 11Page - Renesas Technology Corp F0443 Datasheet HTML 12Page - Renesas Technology Corp F0443 Datasheet HTML 13Page - Renesas Technology Corp F0443 Datasheet HTML 14Page - Renesas Technology Corp F0443 Datasheet HTML 15Page - Renesas Technology Corp F0443 Datasheet HTML 16Page - Renesas Technology Corp F0443 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
13
September 1, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
DSA3 Gain Settling Time
DSA3GST
50% CTL to within 0.1dB of the final
value, 0dB state to 18dB state.
20
35[c]
ns
50% CTL to within 0.1dB of the final
value, 18dB state to 0dB state.
20
35[c]
Stability K Factor
KFACT
Over entire temperature range.
1
unit
Serial Clock Speed
fSPI_CLK
SPI interface clock.
12.5[c]
MHz
fI3C_CLK
I3C interface clock.
12.5[c]
CSb to First Serial Clock
Rising Edge
tLS
SPI 3 wire bus. 50% of CSb falling
edge to 50% of CLK rising edge.
10[c]
ns
Serial Data Hold Time
tH
SPI 3 wire bus. 50% of CLK rising
edge to 50% of Data falling edge.
10[c]
ns
Final Serial Clock Rising Edge
to CSb
tCLS
SPI 3 wire bus. 50% of CLK rising
edge to 50% of CSb rising edge.
10[c]
ns
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns
that are not shown in bold italics are guaranteed by design characterization.
[b] During standby mode, SPI is to be left ON and previous state shall be maintained when device is powered up.
[c] The attenuators can be assumed to be purely resistive elements when performing cascaded analysis calculations. Ensure to take into
account any relevant INL/DNL effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com