Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0443 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 20Page - Renesas Technology Corp F0443 Datasheet HTML 21Page - Renesas Technology Corp F0443 Datasheet HTML 22Page - Renesas Technology Corp F0443 Datasheet HTML 23Page - Renesas Technology Corp F0443 Datasheet HTML 24Page - Renesas Technology Corp F0443 Datasheet HTML 25Page - Renesas Technology Corp F0443 Datasheet HTML 26Page - Renesas Technology Corp F0443 Datasheet HTML 27Page - Renesas Technology Corp F0443 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
24
September 1, 2020
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output 1dB Compression
Bypass Mode
OP1dBBYP
Minimum and maximum
values are valid over
fRF = 2.3GHz to 2.7GHz,
TEPAD = -40°C to +105°C,
VCC = 4.75V to 5.25V
Typical values valid at
fRF = 2.5GHz,
TEPAD = +25°C, VCC = 5V
Maximum Gain
16.8
19.5
dBm
OP1dB Bypass Mode
Variation Over Temperature
OP1dBTEMP_BYP TEPAD = -40ºC to +105ºC.
+0.4/
-0.8
dB
Reverse Isolation
ISOREV1
Maximum gain, Non-Bypass mode.
42
44.3
dB
ISOREV2
Maximum gain, Bypass mode.
24
27.7
ISOREV3
Minimum gain, Non-Bypass mode.
69.5
72.4
ISOREV4
Minimum gain, Bypass mode.
65.4
71.4
Channel-to-Channel
Isolation [c]
ISOCH-CH1
Maximum gain on both channels.
46
53
dB
ISOCH-CH2
Minimum gain on both channels, Bypass OFF.
54
ISOCH-CH3
Ch A: Max Gain
38
Ch B: Note [d]
ISOCH-CH4
Ch A: Note [d]
39
Ch B: Max Gain
ISOCH-CH5
Ch A: Min Gain
37
Ch B: Note [e]
ISOCH-CH6
Ch A: Note [e]
37
Ch B: Min Gain
DSA Attenuation Error (INL)[f]
ERRDSA0ABS
Minimum and maximum
values are valid over
fRF = 2.3GHz to 2.7GHz,
TEPAD = -40°C to +105°C
VCC = 4.75V to 5.25V
Typical values valid at
fRF = 2.5GHz,
TEPAD = +25°C,
VCC = 5V
DSA1, DSA2, DSA3 = 0dB
DSA0 = 6dB
±0.3
dB
ERRDSA1ABS
DSA0, DSA2, DSA3 = 0dB
DSA1 = 6dB
±0.3
ERRDSA2ABS
DSA0, DSA1, DSA3 = 0dB
DSA2 = 5dB
-0.2
DSA0, DSA1, DSA3 = 0dB
DSA2 = 10dB
+0.1
DSA0, DSA1, DSA3 = 0dB
DSA2 = 15dB
+0.1
DSA0, DSA1, DSA3 = 0dB
DSA2 = 20dB
+0.2
DSA0, DSA1, DSA3 = 0dB
DSA2 = 25dB
-0.2
ERRDSA3ABS
DSA0, DSA1, DSA2 = 0dB
DSA3 = 6dB
-0.1
DSA0, DSA1, DSA2 = 0dB
DSA3 = 12dB
-0.1
DSA0, DSA1, DSA2 = 0dB
DSA3 = 18dB
-0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com