Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0443 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 17Page - Renesas Technology Corp F0443 Datasheet HTML 18Page - Renesas Technology Corp F0443 Datasheet HTML 19Page - Renesas Technology Corp F0443 Datasheet HTML 20Page - Renesas Technology Corp F0443 Datasheet HTML 21Page - Renesas Technology Corp F0443 Datasheet HTML 22Page - Renesas Technology Corp F0443 Datasheet HTML 23Page - Renesas Technology Corp F0443 Datasheet HTML 24Page - Renesas Technology Corp F0443 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
21
September 1, 2020
Parameter
Symbol
Condition
Min
Typ
Max
Units
DSA2 Step Error (DNL)[f]
ERRDSA2SE Between adjacent states.
±0.3
dB
DSA3 Step Error (DNL)[f]
ERRDSA3SE Between adjacent states.
±0.3
Relative Phase DSA0
ΦDSA0REL
Any state, relative to 0dB attenuation state.
3
deg
Relative Phase DSA1
ΦDSA1REL
Any state, relative to 0dB attenuation state.
3
Phase Deviation DSA2
ΦDSA2ADJ
Between adjacent states.
2.5
Relative Phase DSA2
ΦDSA2RELMAX DSA set to 29dB, relative to 0dB attenuation state.
16
ΦDSA2RELMID DSA set to 14dB, relative to 0dB attenuation state.
6.5
Relative Phase DSA3
ΦDSA3REL
Any state, relative to 0dB attenuation state.
13
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these columns that are
not shown in bold italics are guaranteed by design characterization.
[b] 1dB compression point is a linearity figure of merit. Refer to Abs Max Ratings table for maximum RF input power.
[c] Signal applied to RFIN_A (RFIN_B) and measure desired signal at RFOUT_B (RFOUT_A) and compare to signal level at RFOUT_A
(RFOUT_B).
[d] Channel A or Channel B DSA combinations which yield 24dB in total attenuation. DSA2_A or DSA2_B settings limited to the following: 0dB,
6dB, 12dB, 18dB, and 24dB.
[e] Channel A or Channel B DSA combinations yielding 35dB in total attenuation. DSA2_A or DSA2_B settings limited to the following: 5dB, 11dB,
17dB, 23dB, and 29dB. Since the maximum attenuation state totals 59dB, this will yield a 24dB difference between the two channels.
[f] The attenuators can be assumed to be purely resistive elements when performing cascaded analysis calculations. Be sure to take into account
any relevant INL/DNL effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com