Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 5000
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 4 Page - Renesas Technology Corp

  5000 Datasheet HTML 1Page - Renesas Technology Corp 5000 Datasheet HTML 2Page - Renesas Technology Corp 5000 Datasheet HTML 3Page - Renesas Technology Corp 5000 Datasheet HTML 4Page - Renesas Technology Corp 5000 Datasheet HTML 5Page - Renesas Technology Corp 5000 Datasheet HTML 6Page - Renesas Technology Corp 5000 Datasheet HTML 7Page - Renesas Technology Corp 5000 Datasheet HTML 8Page - Renesas Technology Corp 5000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
4
January 16, 2019
Absolute Maximum Ratings
Stresses above those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.3
6.0
V
VMODE to GND
VMODE
-0.3
Lower of
(VDD, 3.9)
V
VCTRL to GND
VCTRL
-0.3
Lower of
(VDD + 3.0, 5.3)
V
RF1, RF2 to GND
VRF
-0.3
0.3
V
RF1 or RF2 Input Power Applied for 24 Hours Maximum
(VDD applied at 1GHz and TEP [Exposed Paddle] = +85°C, ZS = ZL = 75Ω)
PMAX24
+28
dBm
Junction Temperature
TJMAX
+150
°C
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHMB
2000
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDHCDM
500
(Class C2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com