Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 5000
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 5000 Datasheet HTML 2Page - Renesas Technology Corp 5000 Datasheet HTML 3Page - Renesas Technology Corp 5000 Datasheet HTML 4Page - Renesas Technology Corp 5000 Datasheet HTML 5Page - Renesas Technology Corp 5000 Datasheet HTML 6Page - Renesas Technology Corp 5000 Datasheet HTML 7Page - Renesas Technology Corp 5000 Datasheet HTML 8Page - Renesas Technology Corp 5000 Datasheet HTML 9Page - Renesas Technology Corp 5000 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
6
January 16, 2019
Electrical Characteristics
Table 4.
Electrical Characteristics (General)
Refer to the application circuit in Figure 60 for the required circuit and use L1 = L2 = 0Ω. The specifications in this table apply at VDD = +5.0V,
TEP = +25°C, fRF = 500MHz, ZS = ZL = 75Ω, signal applied to RF1, minimum attenuation, PIN = 0dBm for small signal parameters, PIN = +20dBm
per tone for two tone tests, VMODE is LOW or HIGH, and Evaluation Board (EVKit) trace and connector losses are de-embedded, unless
otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
VMODE Logic Input HIGH
VIH
3.9V ≤ VDD ≤ 5.5V
1.07 [a]
3.6
V
VDD < 3.9V
1.07
VDD – 0.3
VMODE Logic Input LOW
VIL
0
0.63
V
VDD Current
IDD
1.4
2.5
mA
VMODE Current
IMODE
25
μA
VCTRL Current
ICTRL
50
μA
Attenuation Slope
ATTSLOPE
VMODE = LOW
10
dB/V
VMODE = HIGH
-10
Attenuation Variation over
Temperature (reference to +25°C)
ATTVAR
fRF = 50MHz
(-40°C to 105°C, over full
signal range of VCTRL)
±1
dB
Settling Time
tSETTLE
Any 1dB step in the 0dB to
33dB control range,
50% of VCTRL signal to RF
settled to within ± 0.1dB
25
µs
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these
columns that are not shown in bold italics are guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com