Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 5000
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 5000 Datasheet HTML 21Page - Renesas Technology Corp 5000 Datasheet HTML 22Page - Renesas Technology Corp 5000 Datasheet HTML 23Page - Renesas Technology Corp 5000 Datasheet HTML 24Page - Renesas Technology Corp 5000 Datasheet HTML 25Page - Renesas Technology Corp 5000 Datasheet HTML 26Page - Renesas Technology Corp 5000 Datasheet HTML 27Page - Renesas Technology Corp 5000 Datasheet HTML 28Page - Renesas Technology Corp 5000 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
25
January 16, 2019
Evaluation Kit Operation
Below is a basic setup procedure for configuring and testing the F2270 Evaluation Kit (EVKit).
Pre-Configure EVKit
This section is a guide to setting up the EVKit for testing. To configure the board for a negative attenuation slope (increasing attenuation with
increasing VCTRL voltage), install a header-shunt shorting pin 2 (center pin) and pin 3 (labeled Lo) on header J7 (see Figure 58). For a positive
slope (decreasing attenuation with increasing VCTRL voltage), this header-shunt should short pin 1 (labeled Hi) to pin 2 (center pin) on J7.
Power Supply Setup
Without making any connections to the EVKit, set up one fixed power supply (VCC) for 5V with a current limit of 10mA and one variable power
supply (VCTRL) set to 0V with a current limit of 5mA. Disable both power supplies.
RF Test Setup
Set the RF test setup to the desired frequency and power ranges within the specified operating limits noted in this datasheet.
Disable the output power of all the RF sources.
Connect EVKit to the test setup.
With the RF sources and power supplies disabled, connect the fixed 5V power supply to connector J3, the variable supply to J4, and the RF
connections to the desired RF ports.
Powering Up the EVKit
Enable the VCC power supply and observe a DC current of approximately 1.4mA.
Enable the VCTRL power supply.
Enable the RF sources. Verify that the DC current remains at about 1.4mA.
If the J7 connection is set for a negative (positive) attenuation slope, then increasing the variable supply will produce increased (decreased)
attenuation for the attenuator path (J1 to J2).
Powering Down the EVKit
Disable the RF power applied to the device.
Adjust the VCTRL power supply down to 0V and disable it.
Disable the VCC power supply.
Disconnect the EVKit from the RF test setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com