Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 5000
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 4 Page - Renesas Technology Corp

  5000 Datasheet HTML 1Page - Renesas Technology Corp 5000 Datasheet HTML 2Page - Renesas Technology Corp 5000 Datasheet HTML 3Page - Renesas Technology Corp 5000 Datasheet HTML 4Page - Renesas Technology Corp 5000 Datasheet HTML 5Page - Renesas Technology Corp 5000 Datasheet HTML 6Page - Renesas Technology Corp 5000 Datasheet HTML 7Page - Renesas Technology Corp 5000 Datasheet HTML 8Page - Renesas Technology Corp 5000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
F2932
High Reliability SP2T RF Switch
4
F2932, Rev 1 05/12/2016
F2932 SPECIFICATION
Typical Application Circuit, VDD = 5.0 V, TC = +25 °C, FRF = 2000 MHz, Driven Port = RF1 or RF2, input power =
10 dBm, ZS = ZL = 50 ohms, PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Logic Input High Threshold
VIH
1.1
Lower of
(3.6, VDD)
V
Logic Input Low Threshold
VIL
-0.3
0.6
V
Logic Current
IIH, IIL
For each control pin
-1
+1
µA
DC Current
IDD
VDD =3.3 V
200
260
1
µA
VDD =5.0 V
260
325
Insertion Loss
RFC to RF1 / RF2
IL
50 MHz
0.68
dB
1 GHz
0.73
2 GHz
0.79
1.1
3 GHz
0.82
4 GHz
0.93
6 GHz
1.06
8 GHz
1.6
Isolation
RFC to RF1 / RF2
ISOC
50 MHz
77
2
79
dB
1 GHz
68
70
2 GHz
63
67
3 GHz
62
65
4 GHz
60
66
6 GHz
53
63
8 GHz
45
Isolation
RF1 to RF2
ISOX
50 MHz
86
dB
1 GHz
64
2 GHz
58
3 GHz
54
4 GHz
51
6 GHz
45
8 GHz
37
Return Loss
RFC, RF1, RF2
RFRL
50 MHz
25
dB
1 GHz
25
2 GHz
23
3 GHz
24
4 GHz
20
6 GHz
18
8 GHz
14
Return Loss
RF1, RF2 Terminated
RFRLTERM
50 MHz
40
dB
1 GHz
31
2 GHz
35
3 GHz
23
4 GHz
17
6 GHz
19
8 GHz
22
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com