Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 5000
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5000 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 5000 Datasheet HTML 13Page - Renesas Technology Corp 5000 Datasheet HTML 14Page - Renesas Technology Corp 5000 Datasheet HTML 15Page - Renesas Technology Corp 5000 Datasheet HTML 16Page - Renesas Technology Corp 5000 Datasheet HTML 17Page - Renesas Technology Corp 5000 Datasheet HTML 18Page - Renesas Technology Corp 5000 Datasheet HTML 19Page - Renesas Technology Corp 5000 Datasheet HTML 20Page - Renesas Technology Corp 5000 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
F2932
F2932, Rev 1 05/12/2016
17
High Reliability SP2T RF Switch
EVKIT BOM
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
C1
0
Not Installed (0402)
C2
1
0.1 µF ±10%, 16V, X7R, Ceramic Capacitor (0402)
GRM155R71C104K
Murata
C3, C4, C6
0
Not Installed (0402)
C5
1
100 pF ±5%, 50V, C0G, Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
R1, R2
2
100 Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
R3, R4
2
100k Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
Panasonic
R5
1
15k Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
R6
1
18k Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1802X
Panasonic
J1 – J5
5
SMA Edge Launch (0.375 inch pitch ground tabs)
142-0701-851
Emerson Johnson
J6
1
CONN HEADER VERT 4x2 POS GOLD
67997-108HLF
FCI
U1
1
SP2T Switch 4 mm x 4 mm QFN16-EP
F2932NBGP
IDT
VCC
1
Test Point Loop (Red)
5000
Keystone Electronics
GND1, GND2
2
Test Point Loop (Black)
5001
Keystone Electronics
1
Printed Circuit Board
F2932 EVKIT REV 1
IDT
TOP MARKINGS
IDTF29
32NBGP
Z550ACG
Part Number
Date Code [YYWW]
(Week 50 of 2015)
ASM
Test
Step
Assembler
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com